Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDVR105V0USP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDVR105V0USP-HF
Description  Low Capacitance ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDVR105V0USP-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDVR105V0USP-HF Datasheet HTML 1Page - Comchip Technology ACPDVR105V0USP-HF Datasheet HTML 2Page - Comchip Technology ACPDVR105V0USP-HF Datasheet HTML 3Page - Comchip Technology ACPDVR105V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDVR105V0USP-HF
Page 1
AQW-JP004
REV:A
Comchip Technology CO., LTD.
SLP2510P8
Dimensions in inches and (millimeter)
0.102(2.60)
0.094(2.40)
0.043(1.10)
0.035(0.90)
0.010(0.25)
0.026(0.65)
0.020(0.50)
0.02(0.50)BSC
Symbol
Typ
Parameter
Min
Max
Unit
Junction capacitance
Conditions
Breakdown voltage
V(BR)
V
IT = 1mA,I/O Pin to GND
Reverse Leakage current
IR
uA
0.4
CJ
pF
VR =0V, f =1MHz between I/Os
6.0
1.0
VRWM = 5V, I/O Pin to GND
Clamping voltage
ESD capability
kV
±15
Peak pulse power
PPP
W
150
Storage temperature range
Junction temperature range
150
°C
TSTG
TJ
°C
150
-55
VC
V
IPP = 1A,I/O Pin to GND(8/20µs)
15
VESD
IEC 61000-4-2(Air)
IEC 61000-4-2(Contact)
±8
VESD
kV
RoHS Device
Mechanical data
- Case: SLP2510P8 small outline plastic package
- Terminals: Matte tin plated, solderable per
MIL-STD-202,method 208
- Mounting Compound Flammability Rating: UL 94V-0
- Weight: 0.015 grams(approx.).
- High temperature soldering guaranteed:
260°C/10 second
0.006(0.15)
-55
0.002(0.05)
0.000(0.00)
Reverse working voltage
5.0
VRWM
V
I/O Pins to GND (Note 1)
Junction capacitance
0.8
CJ
pF
VR =0V, f =1MHz between I/Os GND
Halogen Free
Low Capacitance ESD Protection Array
0.018(0.45)
0.014(0.35)
Company reserves the right to improve product design , functions and reliability without notice.
1
2
3
4
5
10
9
8
7
6
Circuit Diagram
Tp=8/20µs waveform
Note: 1. ESD devices are normally selected according to the working peak reverse voltage (VRWM), which should
be equal or greater than the DC or continuous peak operating voltage level.
Features
- Protects four high speed I/O lines
- Working Voltage: 5V
- Low clamping voltage
- IEC61000-4-2 Level 4 ESD protection
- IEC61000-4-4 FET 40A ( 5/50ns )
- Low leakage current
- Comply with AEC-Q101
Maximum Ratings and Electrical Characteristics (at TA=25°C unless otherwise noted)


Similar Part No. - ACPDVR105V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDV12V-HF COMCHIP-ACPDV12V-HF Datasheet
527Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDV12V0A-HF COMCHIP-ACPDV12V0A-HF Datasheet
488Kb / 5P
SMD ESD Protection Diode
REV:A
ACPDV1524V-HF COMCHIP-ACPDV1524V-HF Datasheet
478Kb / 5P
SMD ESD Protection Diode
REV:A
ACPDV15V-HF COMCHIP-ACPDV15V-HF Datasheet
527Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDV15V0A-HF COMCHIP-ACPDV15V0A-HF Datasheet
488Kb / 5P
SMD ESD Protection Diode
REV:A
More results

Similar Description - ACPDVR105V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
Low Capacitance ESD Protection Array
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
Low Capacitance ESD Protection Array
logo
Comchip Technology
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com