Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6830EK Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6830EK
Description  Low Power Voltage Inverters With Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6830EK Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6830EK Datasheet HTML 6Page - Sipex Corporation SP6830EK Datasheet HTML 7Page - Sipex Corporation SP6830EK Datasheet HTML 8Page - Sipex Corporation SP6830EK Datasheet HTML 9Page - Sipex Corporation SP6830EK Datasheet HTML 10Page - Sipex Corporation SP6830EK Datasheet HTML 11Page - Sipex Corporation SP6830EK Datasheet HTML 12Page - Sipex Corporation SP6830EK Datasheet HTML 13Page - Sipex Corporation SP6830EK Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Rev. 9-22-00
SP6830/6831 Low Power Voltage Inverters With Shutdown
© Copyright 2000 Sipex Corporation
conversion loss during charge transfer between
the flying and output capacitors. These are the
three theoretical factors that may effect the power
efficiency of the SP6830/6831 devices in designs.
Any internal losses come from the IC's on board
circuitry. Losses in the IC can be induced by the
input voltage, the frequency of the oscillator, and
the ambient temperature. The most influential
internal loss in the IC may be found in the power-
on resistance of the internal MOSFET switches.
Any of the losses with the charge pump capacitors
will be induced by the capacitor's ESR. The
affects of the ESR losses and the output resistance
can be found in the following equation:
I
OUT
2 x R
OUT = PCAP + PCONV
and
R
OUT ≈ 4 x (2 x RSWITCHES + ESRC1) +
ESR
C2 +
1
fOSC x C1
,
where I
OUT it the output current, ROUT is the
circuit's output resistance, R
SWITCHES is the internal
resistance of the MOSFET switches, ESR
C1 and
ESR
C2 are the ESR of their respective capacitors,
and f
OSC is the oscillator frequency.
This term
with f
OSC is derived from an ideal switched-
capacitor circuit as seen in Figure 19.
Any losses due to the conversion process will
happen during the charge transfer between the
flying capacitor, C1, and the output capacitor,
C2, when there is a voltage difference between
them. P
CONV can be determined by the following
equation:
P
CONV = fOSC x [
1/
2 x C1 x (VIN
2 - V
OUT
2) +
1/
2 x C2 x (VRIPPLE
2 - 2V
OUTVRIPPLE) ].
Actual Efficiency
To determine the actual efficiency of the SP6830/
6831 device operation, a designer can use the
following equation:
Efficiency (actual) =
x 100%
POUT
PIN
,
where
P
OUT = VOUT x IOUT
and
P
IN = VIN x IIN
where P
OUT is the power output, VOUT is the
output voltage, I
OUT is the output current, PIN is
the power from the supply driving the SP6830/
6831 devices, V
IN is the supply input voltage, and
I
IN is the supply input current.
Ideal Efficiency
The ideal efficiency is not the true power
efficiency because it does not involve the input
power which includes the input current losses in
the charge pump. The ideal efficiency can be
determined with the following equation:
Efficiency (ideal) =
x 100%
POUT
POUT(IDEAL)
,
where
POUT(IDEAL) = -VIN x
-VIN
RL ,
Figure 19. Equivalent Circuit for an Ideal Switched
Capacitor
V+
C2
RL
VOUT
C1
f
V+
C2
RL
VOUT
Requivalent =
1
f x C1
Requivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com