Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6830EK Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6830EK
Description  Low Power Voltage Inverters With Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6830EK Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6830EK Datasheet HTML 3Page - Sipex Corporation SP6830EK Datasheet HTML 4Page - Sipex Corporation SP6830EK Datasheet HTML 5Page - Sipex Corporation SP6830EK Datasheet HTML 6Page - Sipex Corporation SP6830EK Datasheet HTML 7Page - Sipex Corporation SP6830EK Datasheet HTML 8Page - Sipex Corporation SP6830EK Datasheet HTML 9Page - Sipex Corporation SP6830EK Datasheet HTML 10Page - Sipex Corporation SP6830EK Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Rev. 9-22-00
SP6830/6831 Low Power Voltage Inverters With Shutdown
© Copyright 2000 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
V
IN = +5.0V, C1 = C2 = C3 = 3.3µF for SP6830, C1 = C2 = C3 = 1µF for SP6831, and TAMB = 25
OC unless otherwise
noted.
The SP6830/6831 devices use the circuit found in when obtaining the following typical performance
characteristics (unless otherwise noted).
Figure 14. Power Efficiency vs. Output Current
Figure 15. Output Noise and Ripple for the SP6830
Figure 16. Output Noise and Ripple for the SP6831
V
IN = 3.3V
I
LOAD = 5mA
V
IN = 3.3V
V
OUT = -3.2V
V
OUT = -3.2
I
LOAD = 5mA
75
80
85
90
95
100
0
5
10
15
20
25
Output Current(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com