Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6832 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6832
Description  High Speed, High Efficiency Voltage Inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6832 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6832 Datasheet HTML 1Page - Sipex Corporation SP6832 Datasheet HTML 2Page - Sipex Corporation SP6832 Datasheet HTML 3Page - Sipex Corporation SP6832 Datasheet HTML 4Page - Sipex Corporation SP6832 Datasheet HTML 5Page - Sipex Corporation SP6832 Datasheet HTML 6Page - Sipex Corporation SP6832 Datasheet HTML 7Page - Sipex Corporation SP6832 Datasheet HTML 8Page - Sipex Corporation SP6832 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
SP6832DS/04
SP6832 High Speed, High Efficiency Voltage Inverter
© Copyright 2000 Sipex Corporation
s 99.9% Voltage Conversion Efficiency
s +1.15V to +5.3V Input Voltage Range
s +1.15 V
IN Guaranteed Start-up
s Inverts Input Supply Voltage
s 700
µA Quiescent Current
s 25mA Output Current
s 500kHz Operating Frequency
s Ideal for +3.6V Lithium Ion Battery
Applications
s Reverse Battery Protection
s 5-pin SOT23 Package
s 19
Ω Output Resistance
s 0.1 or 0.33
µF Capacitors
High Speed, High Efficiency Voltage Inverter
SP6832
DESCRIPTION
The SP6832 device is a CMOS Charge Pump Voltage Inverter that can be implemented
in designs requiring a negative voltage from a positive source as low as 1.15V. The SP6832
device is ideal for both battery-powered and board level voltage conversion applications
with a typical operating current of 700mA at a 5V supply. The SP6832 can output 25mA with
a voltage drop of 500mV. These devices combine a low quiescent current with high efficiency
of 85-90% over most of its load range. Applications include cell phones, PDAs, medical
instruments and other portable equipment. The SP6832 is available in a space-saving 5-pin
SOT23 Package.
C1-
VOUT
VIN
C1+
GND
SP6832
5
3
2
1
4
®


Similar Part No. - SP6832

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
More results

Similar Description - SP6832

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
High Speed CMOS Logic Hex Inverter
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
logo
List of Unclassifed Man...
OZ965 ETC-OZ965 Datasheet
66Kb / 7P
High-Efficiency Inverter Controller
OZ962 ETC-OZ962 Datasheet
51Kb / 6P
High-Efficiency Inverter Controller
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC Inverter
logo
Axiomtek Co., Ltd.
IV-02N-300 AXIOMTEK-IV-02N-300 Datasheet
160Kb / 1P
High efficiency Inverter for LCD panel
IV-02N-800 AXIOMTEK-IV-02N-800 Datasheet
184Kb / 1P
High efficiency Inverter for LCD panel
IV-04N-300 AXIOMTEK-IV-04N-300 Datasheet
183Kb / 1P
High efficiency Inverter for LCD panel
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
High Speed, Accuracy, and Efficiency
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com