Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6832 Datasheet (PDF) - Sipex Corporation

SP6832 Datasheet PDF - Sipex Corporation
Part # SP6832
Download  SP6832 Download
File Size   212.99 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed, High Efficiency Voltage Inverter

SP6832 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6832 Datasheet PDF - Sipex Corporation

Part # SP6832
Download  SP6832 Click to download

File Size   212.99 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed, High Efficiency Voltage Inverter

SP6832 Datasheet (HTML) - Sipex Corporation


SP6832 Product details

DESCRIPTION
The SP6832 device is a CMOS Charge Pump Voltage Inverter that can be implemented in designs requiring a negative voltage from a positive source as low as 1.15V. The SP6832 device is ideal for both battery-powered and board level voltage conversion applications with a typical operating current of 700mA at a 5V supply. The SP6832 can output 25mA with a voltage drop of 500mV. These devices combine a low quiescent current with high efficiency of 85-90% over most of its load range. Applications include cell phones, PDAs, medical instruments and other portable equipment. The SP6832 is available in a space-saving 5-pin SOT23 Package.

■ 99.9% Voltage Conversion Efficiency
■ +1.15V to +5.3V Input Voltage Range
■ +1.15 VIN Guaranteed Start-up
■ Inverts Input Supply Voltage
■ 700µA Quiescent Current
■ 25mA Output Current
■ 500kHz Operating Frequency
■ Ideal for +3.6V Lithium Ion Battery Applications
■ Reverse Battery Protection
■ 5-pin SOT23 Package
■ 19Ω Output Resistance
■ 0.1 or 0.33 µF Capacitors




Similar Part No. - SP6832

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
SP6832EK SIPEX-SP6832EK Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
SP6832EK/TR SIPEX-SP6832EK/TR Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
More results


Similar Description - SP6832

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
High Speed CMOS Logic Hex Inverter
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
logo
List of Unclassifed Man...
OZ965 ETC-OZ965 Datasheet
66Kb / 7P
High-Efficiency Inverter Controller
OZ962 ETC-OZ962 Datasheet
51Kb / 6P
High-Efficiency Inverter Controller
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC Inverter
logo
Axiomtek Co., Ltd.
IV-02N-300 AXIOMTEK-IV-02N-300 Datasheet
160Kb / 1P
High efficiency Inverter for LCD panel
IV-02N-800 AXIOMTEK-IV-02N-800 Datasheet
184Kb / 1P
High efficiency Inverter for LCD panel
IV-04N-300 AXIOMTEK-IV-04N-300 Datasheet
183Kb / 1P
High efficiency Inverter for LCD panel
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
High Speed, Accuracy, and Efficiency
Rev 0; 3/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com