Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6832 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6832
Description  High Speed, High Efficiency Voltage Inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6832 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6832 Datasheet HTML 4Page - Sipex Corporation SP6832 Datasheet HTML 5Page - Sipex Corporation SP6832 Datasheet HTML 6Page - Sipex Corporation SP6832 Datasheet HTML 7Page - Sipex Corporation SP6832 Datasheet HTML 8Page - Sipex Corporation SP6832 Datasheet HTML 9Page - Sipex Corporation SP6832 Datasheet HTML 10Page - Sipex Corporation SP6832 Datasheet HTML 11Page - Sipex Corporation SP6832 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
SP6832DS/04
SP6832 High Speed, High Efficiency Voltage Inverter
© Copyright 2000 Sipex Corporation
DESCRIPTION
The SP6832 is a CMOS Charge Pump Voltage
Converter that can be used to invert a +1.15V
to +5.3V input voltage. These devices are ideal
for designs involving battery-powered and/or
board level voltage conversion applications.
The typical operating frequency of the SP6832
is 500kHz. The SP6832 has a typical operating
current of 800
µA. The device can output 25mA
with a voltage drop of 500mV. The devices are
ideal for designs using +3.3V or +3.6V lithium
ion batteries such as cell phones, PDAs, medical
instruments, and other portable equipment.
The SP6832 combines a high efficiency with
a low quiescent current.
THEORY OF OPERATION
The SP6832 should theoretically produce an
inverted input voltage. In real world applications,
there are small voltage drops at the output that
reduce efficiency. The circuit of an ideal voltage
inverter can be found in Figure 16. The voltage
inverters require two external capacitors to
store the charge. A description of the two
phases follows:
Phase 1
In the first phase of the clock cycle, switches S1
and S3 are opened and S2 and S4 are closed.
This connects the flying capacitor, C1, from V
IN
to ground. C1 charges up to the input voltage
applied at V
IN.
Phase 2
In the second phase of the clock cycle, switches
S1 and S3 are opened and S2 and S4 are closed.
This connects the flying capacitor, C1, in parallel
with the output capacitor, C2. The charge stored
in C1 is now transferred to C2. Simultaneously,
the negative side of C2 is connected to V
OUT and
the positive side is connected to ground. With
the voltage across C2 smaller than the voltage
across C1, the charge flows from C1 to C2 until
the voltage at the V
OUT equals -VIN.
Charge-Pump Output
The output of the SP6832 is not regulated and
therefore is dependent on the output resistance
and the amount of load current. As the load
current increases, losses may slightly increase
at the output and the voltage may become
slightly more positive. The loss at the negative
output, V
LOSS, equals the current draw, IOUT, from
V
OUT
times the negative converter's source
resistance, R
S:
V
LOSS = IOUT x RS.
The actual inverted output voltage at V
OUT will
equal the inverted voltage difference of V
IN and
V
LOSS:
V
OUT = -(VIN - VLOSS).
Efficiency
Theoretically, the total power loss of a switched
capacitor voltage converter can be summed up as
follows:
∑P
LOSS = PINT + PCAP + PCONV,
where P
LOSS is the total power loss, PINT is the total
internal loss in the IC including any losses in the
MOSFET switches, P
CAP is the resistive loss of
Figure 16. Circuit for an Ideal Voltage Inverter
C1
C2
S1
S3
S4
S2
VOUT
VIN
VOUT = -VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com