Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6832 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6832
Description  High Speed, High Efficiency Voltage Inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6832 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6832 Datasheet HTML 2Page - Sipex Corporation SP6832 Datasheet HTML 3Page - Sipex Corporation SP6832 Datasheet HTML 4Page - Sipex Corporation SP6832 Datasheet HTML 5Page - Sipex Corporation SP6832 Datasheet HTML 6Page - Sipex Corporation SP6832 Datasheet HTML 7Page - Sipex Corporation SP6832 Datasheet HTML 8Page - Sipex Corporation SP6832 Datasheet HTML 9Page - Sipex Corporation SP6832 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
SP6832DS/04
SP6832 High Speed, High Efficiency Voltage Inverter
© Copyright 2000 Sipex Corporation
Figure 11. Power Efficiency vs. Supply Voltage with
a 5mA load
Figure 12. Voltage efficiency vs. Supply Voltage without
a Load with 0.1
µF Capacitors
Figure 13. Output Noise and Ripple
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +5.0V, C1 = C2 = C3 = 0.33µF and TAMB = 25
oC unless otherwise noted. The circuit found in Figure 14 was
used to obtain the following typical performance characteristics (unless otherwise noted).
V
IN = 3.3V
V
OUT = -3.2V
I
LOAD = 5mA
0
10
20
30
40
50
60
70
80
90
100
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
V
IN (V)
0
20
40
60
80
100
120
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
V
IN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com