Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6832 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6832
Description  High Speed, High Efficiency Voltage Inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6832 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6832 Datasheet HTML 1Page - Sipex Corporation SP6832 Datasheet HTML 2Page - Sipex Corporation SP6832 Datasheet HTML 3Page - Sipex Corporation SP6832 Datasheet HTML 4Page - Sipex Corporation SP6832 Datasheet HTML 5Page - Sipex Corporation SP6832 Datasheet HTML 6Page - Sipex Corporation SP6832 Datasheet HTML 7Page - Sipex Corporation SP6832 Datasheet HTML 8Page - Sipex Corporation SP6832 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
SP6832DS/04
SP6832 High Speed, High Efficiency Voltage Inverter
© Copyright 2000 Sipex Corporation
PIN ASSIGNMENTS
Pin 1— V
OUT — Inverting charge pump output.
Pin 2 — V
IN — Input to the positive power
supply.
Pin 3 — C1- — Negative terminal to the charge
pump capacitor.
Pin 4 — GND — Ground reference.
Pin 5 — C1+ — Positive terminal to the charge
pump capacitor.
PINOUT
C1-
VOUT
VIN
C1+
GND
SP6832
5
3
2
1
4
Figure 1. Output Resistance vs. Supply Voltage with
a 5mA load
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +5.0V, C1 = C2 = C3 = 0.33µF and TAMB = 25
oC unless otherwise noted. The circuit found in Figure 14 was
used to obtain the following typical performance characteristics (unless otherwise noted).
45
50
0
5
10
15
20
25
30
35
40
1.5 2 2.5 3 3.5 4
4.5 5 5.5
(V)
Figure 2. Output Resistance vs. Temperature with
a 25mA load
0
5
10
15
20
25
30
-60 -40 -20 0
20 40 60 80 100
temperature OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com