Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6830EK/TR Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6830EK/TR
Description  Low Power Voltage Inverters With Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6830EK/TR Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6830EK/TR Datasheet HTML 7Page - Sipex Corporation SP6830EK/TR Datasheet HTML 8Page - Sipex Corporation SP6830EK/TR Datasheet HTML 9Page - Sipex Corporation SP6830EK/TR Datasheet HTML 10Page - Sipex Corporation SP6830EK/TR Datasheet HTML 11Page - Sipex Corporation SP6830EK/TR Datasheet HTML 12Page - Sipex Corporation SP6830EK/TR Datasheet HTML 13Page - Sipex Corporation SP6830EK/TR Datasheet HTML 14Page - Sipex Corporation SP6830EK/TR Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Rev. 9-22-00
SP6830/6831 Low Power Voltage Inverters With Shutdown
© Copyright 2000 Sipex Corporation
and P
OUT is the the power output. Both efficiencies
are provided to designers for comparison.
APPLICATION INFORMATION
For the following applications, C1 = C2 = C3 =
3.3
µF for the SP6830 and C1 = C2 = C3 = 1.0µF
for the SP6831.
Capacitor Selection
Low ESR capacitors are needed to obtain low
output resistance. Refer to Table 1 for some
suggested low ESR capacitors.
The output
resistance of the SP6830/6831 devices is a
function of the ESR of C1 and C2. This output
resistance can be determined by the equation
previously provided in the Efficiency section:
R
OUT ≈ 4 x (2 x RSWITCHES + ESRC1) +
ESR
C2 +
1
fOSC x C1
,
where R
OUT is the circuit's output resistance,
R
SWITCHES is the internal resistance of the MOSFET
switches, ESR
C1 and ESRC2 are the ESR of their
respective capacitors, and f
OSC is the oscillator
frequency. This term with f
OSC is derived from an
ideal switched-capacitor circuit as seen in Figure
19.
Minimizing the ESR of C1 and C2 will minimize
the total output resistance and will improve the
efficiency.
Flying Capacitor
Decreasing flying capacitor, C1, values will
increase the output resistance of the SP6830/
6831 devices while increasing C1 will reduce the
output resistance.
There is a point where
increasing C1 will have a negligible effect on the
output resistance due to the the domination of the
output resistance by the internal MOSFET switch
resistance and the total capacitor ESR.
Output Capacitor
Increasing output capacitor, C2, values will
decrease the output ripple voltage. Reducing the
ESR of C2 will reduce both output ripple voltage
and output resistance. If higher output ripple can
be tolerated in designs, smaller capacitance values
for C2 should be used with light loads. The
following equation can be used to calculate the
peak-to-peak ripple voltage:
VRIPPLE = 2 x IOUT x ESRC2 +
IOUT
fOSC x C2 .
Input Bypass Capacitor
The bypass capacitor at the input voltage will
reduce AC impedance and the impact of any of
the SP6830/6831 device's switching noise. It is
recommended that for heavy loads a bypass
capacitor approximately equal to the flying
capacitor, C1, be used. For light loads, the value
of the bypass capacitor can be reduced.
Table 1. Suggested Low ESR Surface Mount Capacitors
T
R
A
P
X
E
P
I
S
R
E
B
M
U
N
/
R
E
R
U
T
C
A
F
U
N
A
M
#
E
N
O
H
P
E
L
E
T
R
E
B
M
U
N
T
R
A
P
/
E
C
N
A
T
I
C
A
P
A
C
E
G
A
T
L
O
V
R
S
E
X
A
M
z
H
k
0
0
1
@
R
O
T
I
C
A
P
A
C
E
P
Y
T
/
E
Z
I
S
0
3
8
6
P
S
/
T
E
M
E
K
0
0
3
6
-
3
6
9
-
4
6
8
0
2
0
*
5
3
3
B
4
9
4
TV
0
2
/
F
µ
3
.
35
.
1
Ω
/
B
e
s
a
C
m
u
l
a
t
n
a
T
0
3
8
6
P
S
/
E
U
G
A
R
P
S
0
4
1
4
-
4
2
3
-
7
0
2
5
3
0
0
X
5
3
3
D
5
9
5V
5
3
/
F
µ
3
.
30
.
2
Ω
/
C
e
s
a
C
m
u
l
a
t
n
a
T
0
3
8
6
P
S
/
K
D
T
0
0
1
6
-
3
0
8
-
7
4
8
K
5
3
3
A
1
R
5
X
6
1
2
3
CV
0
1
/
F
µ
3
.
34
0
.
0
Ω
R
5
X
/
6
0
2
1
1
3
8
6
P
S
/
X
V
A
1
1
4
9
-
8
4
4
-
3
4
8
K
5
0
1
C
Z
5
0
8
0V
0
1
/
F
µ
14
0
.
0
Ω
R
7
X
/
5
0
8
0
1
3
8
6
P
S
/
T
E
M
E
K
0
0
3
6
-
3
6
9
-
4
6
8
C
A
R
K
5
0
1
C
5
0
8
0
CV
0
1
/
F
µ
15
0
.
0
Ω
R
7
X
/
5
0
8
0
1
3
8
6
P
S
/
K
D
T
0
0
1
6
-
3
0
8
-
7
4
8
K
5
0
1
A
1
R
5
X
2
1
0
2
CV
0
1
/
F
µ
15
0
.
0
Ω
R
5
X
/
5
0
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com