Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6830EK/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6830EK/TR
Description  Low Power Voltage Inverters With Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6830EK/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6830EK/TR Datasheet HTML 8Page - Sipex Corporation SP6830EK/TR Datasheet HTML 9Page - Sipex Corporation SP6830EK/TR Datasheet HTML 10Page - Sipex Corporation SP6830EK/TR Datasheet HTML 11Page - Sipex Corporation SP6830EK/TR Datasheet HTML 12Page - Sipex Corporation SP6830EK/TR Datasheet HTML 13Page - Sipex Corporation SP6830EK/TR Datasheet HTML 14Page - Sipex Corporation SP6830EK/TR Datasheet HTML 15Page - Sipex Corporation SP6830EK/TR Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Rev. 9-22-00
SP6830/6831 Low Power Voltage Inverters With Shutdown
© Copyright 2000 Sipex Corporation
Figure 21. SP6830/6831 Devices Cascaded to Increase Output Voltage
Figure 20. SP6830/6831 Devices Connected in Parallel to Reduce Total Output Resistance
OUT
+VIN
C1
1
6
3
C1+
C1-
GND
2
4
OUT
IN
C1
1
6
3
C1+
C1-
GND
2
4
OUT
SP6830
SP6831
IN
C1
1
6
3
C2 x n
C1+
C1-
GND
2
4
RTOT
“n”
“1”
“2”
where VOUT = output voltage,
VIN = input voltage,
RTOT = total resistance of the devices connected in parallel,
ROUT = the output resistance of a single device, and
n = the total number of devices connected in parallel.
IN
VOUT
RTOT = R
OUT
n
VOUT = -VIN
SP6830
SP6831
SP6830
SP6831
5
SHDN
5
SHDN
5
SHDN
Shutdown
Control
Input
OUT
SP6830
SP6831
+VIN
C1
1
6
3
C2
C1+
C1-
GND
2
4
OUT
SP6830
SP6831
IN
C1
1
5
3
C2
C1+
C1-
GND
2
4
OUT
SP6830
SP6831
C1
1
3
5
C2
C1+
C1-
GND
4
VOUT
“n”
“1”
“2”
VOUT = -n x VIN
where VOUT = output voltage,
VIN = input voltage, and
n = the total number of cascaded devices connected.
IN
SHDN
5
SHDN
5
IN
2
SHDN
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com