Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP800L Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP800L
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP800L Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP800L Datasheet HTML 14Page - Sipex Corporation SP800L Datasheet HTML 15Page - Sipex Corporation SP800L Datasheet HTML 16Page - Sipex Corporation SP800L Datasheet HTML 17Page - Sipex Corporation SP800L Datasheet HTML 18Page - Sipex Corporation SP800L Datasheet HTML 19Page - Sipex Corporation SP800L Datasheet HTML 20Page - Sipex Corporation SP800L Datasheet HTML 21Page - Sipex Corporation SP800L Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
18
PFI
PFO
R2
R1
VCC
+5V
GND
PFO
V-
+5V
*VTRIP 0V
0V
V-
*VTRIP is a negative voltage
5.0 - 1.25
R1
1.25 - VTRIP
R2
=
Figure 28. Monitoring a Negative Voltage
Negative-Going V
CC Transients
While asserting resets to the
µP during power-up,
power-down, and brownout conditions, these
supervisors are relatively immune to short-
duration negative-going VCC transients. It is
usually undesirable to reset the
µP when VCC
experiences only small glitches.
Refer to Figure 29 for a graph of the maximum
transient duration vs. the reset-comparator over-
drive for which reset pulses are not generated.
The graph was produced using negative-going
pulses, starting at 5V and ending below the
reset threshold by the magnitude indicated
(reset comparator overdrive). The graph shows
the maximum pulse width a negative-going VCC
transient may typically have without causing a
reset pulse to be issued.
As the amplitude of the transient increases
(i.e., goes farther below the reset threshold), the
maximum allowable pulse width decreases.
Typically, a VCC transient that goes 100mV
below the reset threshold and lasts for 40
µs or
less will not cause a reset pulse to be issued.
A 100nF bypass capacitor mounted close to the
VCC pin provides additional transient immunity.
Connecting a Timing Capacitor to OSC
IN
When OSC
SEL is connected to ground, OSCIN
disconnects from its internal 10
µA pull-up and
is internally connected to a +100nA current
source. When a capacitor is connected from
OSC
IN to g round (to select an alterna tive
watchdog timeout period), the current source
charges and discharges the timing capacitor to
create the oscillator that controls the reset and
watchdog timeout period. To prevent timing
errors, minimize external current leakage
sources at this pin, and locate the capacitor as
close to OSC
IN as possible. The sum of any PC
board leakage plus the OSC capacitor leakage
must be small compared to +100nA.
Figure 29. Maximum Transient Duration Without
Causing a Reset Pulse vs. Reset Comparator Overdrive
Reset Comparator Overdrive
(Reset Threshold Voltage - V
CC), (mV)
1
10
1000
10000
160
120
80
40
0
0.1µF Capacitor
V
OUT to GND
Above Line
Reset Generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com