Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP800L Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP800L
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP800L Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP800L Datasheet HTML 3Page - Sipex Corporation SP800L Datasheet HTML 4Page - Sipex Corporation SP800L Datasheet HTML 5Page - Sipex Corporation SP800L Datasheet HTML 6Page - Sipex Corporation SP800L Datasheet HTML 7Page - Sipex Corporation SP800L Datasheet HTML 8Page - Sipex Corporation SP800L Datasheet HTML 9Page - Sipex Corporation SP800L Datasheet HTML 10Page - Sipex Corporation SP800L Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
7
Figure 11. Watchdog and Reset Timeout Period vs.
OSC
IN Timing Capacitor (COSC)
Figure 12. Chip-Enable Propagation Delay vs. CE
OUT
Load Capacitance
Figure 13. V
CC to VOUT vs. Output Current (Normal
Operating Mode)
Figure 15. V
CC to LOWLINE and CEOUT Delay
Figure 14. V
BATT to VOUT vs. Output Current (Battery-
Backup Mode)
VCC Reset
Threshold
0V
+5V
LOW
HI
LOW
HI
LOW
HI
LOWLINE
RESET
CEOUT
80µs
1.1µs
16µs
OSCIN Capacitor (pF)
10
100
1000
10000
1000
100
10
1
0.1
V
CC = 5V
V
BATT = 2.8V
Long Watchdog Timeout Period
Reset Active Timeout Period
Short Watchdog Timeout Period
Cload (pF)
0
50
100
150
200
250
300
350
30
25
20
15
10
5
0
V
CC = 5V
V
BATT = 2.8V
50Ω driver
I
OUT (mA)
1
10
100
1000
1000
100
10
1
V
CC = 4.5V
V
BATT = 0V
Slope = 0.6Ω
I
OUT (mA)
1
10
100
1000
1000
100
10
1
V
CC = 4.5V
V
BATT = 0V
Slope = 5Ω
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com