Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP730 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP730
Description  Microprocessor Supervisory Circuit with Pull Up Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP730 Datasheet(HTML) 2 Page - Sipex Corporation

  SP730 Datasheet HTML 1Page - Sipex Corporation SP730 Datasheet HTML 2Page - Sipex Corporation SP730 Datasheet HTML 3Page - Sipex Corporation SP730 Datasheet HTML 4Page - Sipex Corporation SP730 Datasheet HTML 5Page - Sipex Corporation SP730 Datasheet HTML 6Page - Sipex Corporation SP730 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Date: 6/14/04
SP730 Microprocessor Supervisory Circuit
© Copyright 2004 Sipex Corporation
V
DD ................................................................................................. 6.0V
All inputs and outputs w.r.t. GND ............................... -0.6 to V
DD+ 1.0V
Storage Temperature .................................................. -65°C to +150°C
Ambient Temperature with power applied.....................-65°C to +125°C
ESD Protection on all pins ............................................................ ≥2kV
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
V
DD = 1.0V - 5.5V ; -40°C to 85°C. The ♦ denotes the specifications which apply over the full operating temperature range, unless otherwise
specified.
ABSOLUTE MAXIMUM RATINGS
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
OV
D
D
0
.
15
.
5
V
V
D
D
T
E
S
E
R
o
t
e
u
l
a
VV
N
I
M
D
D
0
.
1
V
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
OI
D
D
5
40
6
A
µV
D
D
)
d
a
o
l
o
n
(
V
5
.
5
=
V
D
D
t
n
i
o
P
p
i
r
TV
P
I
R
T
5
2
.
45
7
3
.
40
5
.
4
V
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
TV
S
Y
H
0
5
V
m
t
u
p
t
u
O
l
e
v
e
L
w
o
L
T
E
S
E
R
e
g
a
t
l
o
V
V
L
O
6
.
0
V
I
L
O
V
,
A
m
5
.
8
=
D
D
=
V
N
I
M
P
I
R
T
t
u
p
t
u
O
l
e
v
e
L
h
g
i
H
T
E
S
E
R
e
g
a
t
l
o
V
V
H
O
V
D
D
7
.
-
V
I
H
O
V
,
A
µ
0
5
=
D
D
>
V
P
I
R
TX
A
M
r
o
t
s
i
s
e
R
p
u
ll
u
P5
K
V
D
D
e
v
i
t
c
a
n
I
T
E
S
E
R
o
t
t
c
e
t
e
Dt
U
P
R
0
5
10
5
30
0
7
s
m
V
D
D
T
E
S
E
R
o
t
t
c
e
t
e
Dt
D
P
R
0
1
S
µ
V
D
D
m
o
r
f
d
e
p
m
a
r
V
X
A
M
P
I
R
T
V
(
+
X
A
M
P
I
R
T
V
(
o
t
)
V
m
0
5
2
-
N
I
M
P
I
R
T
)
V
m
0
5
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com