Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP730 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP730
Description  Microprocessor Supervisory Circuit with Pull Up Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP730 Datasheet(HTML) 1 Page - Sipex Corporation

  SP730 Datasheet HTML 1Page - Sipex Corporation SP730 Datasheet HTML 2Page - Sipex Corporation SP730 Datasheet HTML 3Page - Sipex Corporation SP730 Datasheet HTML 4Page - Sipex Corporation SP730 Datasheet HTML 5Page - Sipex Corporation SP730 Datasheet HTML 6Page - Sipex Corporation SP730 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Date: 6/14/04
SP730 Microprocessor Supervisory Circuit
© Copyright 2004 Sipex Corporation
Microprocessor Supervisory
Circuit with Pull Up Resistor
SP730
DESCRIPTION
FEATURES
■ Holds Microcontroller in Reset
■ Reset Microcontroller during power loss
■ 4.375 Voltage Trip Point
■ Active Low RESET Pin
■ Internal Pull-up Resistor
■ Holds RESET for 350ms (typical)
■ RESET valid down to V
DD1.0V
■ 45µA Typical Operating Current
■ Offered in a 3 Pin SOT-23 Package
®
The SP730 is a voltage supervisory device designed to keep a microcontroller in reset until the
system voltage has reached the proper level and stabilized. It also operates as protection from
brown-out conditions when the supply voltage drops below a safe operating level. The SP730
has an internal 5k pull-up resistor. The device has an active low RESET pin and will assert the
RESET signal whenever the voltage on the V
DD pin is below the trip-point voltage. The part is
available in a small 3 pin SOT-23 package. Contact factory for other trip voltage options.
TYPICAL APPLICATION CIRCUIT
VDD
SP730
RESET
VDD
Microcontroller
GND
MCLR
RESET
or
Bypass
Capacitor
GND
VDD
SP730
3 Pin SOT-23
RESET
VDD
GND
APPLICATIONS
■ Portable Electronic Devices
■ Electrical Power Meter
■ Computer System Board
■ Modem
Now Available in Lead Free Packaging


Similar Part No. - SP730

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP730 SIPEX-SP730 Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
SP730EK-3-075 SIPEX-SP730EK-3-075 Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
SP730EK-3-075/TR SIPEX-SP730EK-3-075/TR Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
SP730EK-4-375 SIPEX-SP730EK-4-375 Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
SP730EK-4-375/TR SIPEX-SP730EK-4-375/TR Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
More results

Similar Description - SP730

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
Microprocessor Supervisory Circuit
REV.B
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
logo
Sipex Corporation
SP730 SIPEX-SP730_05 Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com