Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7614 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7614
Description  Low Dropout LED Driver for any Color LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7614 Datasheet(HTML) 8 Page - Sipex Corporation

  SP7614 Datasheet HTML 1Page - Sipex Corporation SP7614 Datasheet HTML 2Page - Sipex Corporation SP7614 Datasheet HTML 3Page - Sipex Corporation SP7614 Datasheet HTML 4Page - Sipex Corporation SP7614 Datasheet HTML 5Page - Sipex Corporation SP7614 Datasheet HTML 6Page - Sipex Corporation SP7614 Datasheet HTML 7Page - Sipex Corporation SP7614 Datasheet HTML 8Page - Sipex Corporation SP7614 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Date: 6/30/04
SP7611A/7612/7614 Low Dropout LED Driver for Any Color LED
© Copyright 2004 Sipex Corporation
PACKAGE: 6 PIN SC-70
A
A2
A1
SIDE VIEW
D
E
E/2
e1
N/2
2
1
b
e
E1
E1/2
N
N/2
+1
L1
L
4X
Ø1
Seating Plane
Gauge Plane
VIEW C
SEE VIEW C
H
B
B
c
WITH PLATING
BASE METAL
b
Ø1
Ø
INDEX AREA
(D/2 X E1/2)
L2
-
-
1.10
0
-
0.10
Dimensions in (mm)
6 PIN SC-70
JEDEC MO-203
(AB) Variation
0.70
0.90
1.00
0.15
-
0.30
0.08
-
0.22
2.00 BSC
2.10 BSC
1.25 BSC
0.26
0.36
0.46
0.42 REF
0º
4º
8º
A
A1
A2
b
c
D
E
E1
L
L1
L2
Ø
4º
-
12º
Ø1
MIN
NOM
MAX
0.15 BSC
6 PIN SC-70



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com