Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7614 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7614
Description  Low Dropout LED Driver for any Color LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7614 Datasheet(HTML) 6 Page - Sipex Corporation

  SP7614 Datasheet HTML 1Page - Sipex Corporation SP7614 Datasheet HTML 2Page - Sipex Corporation SP7614 Datasheet HTML 3Page - Sipex Corporation SP7614 Datasheet HTML 4Page - Sipex Corporation SP7614 Datasheet HTML 5Page - Sipex Corporation SP7614 Datasheet HTML 6Page - Sipex Corporation SP7614 Datasheet HTML 7Page - Sipex Corporation SP7614 Datasheet HTML 8Page - Sipex Corporation SP7614 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Date: 6/30/04
SP7611A/7612/7614 Low Dropout LED Driver for Any Color LED
© Copyright 2004 Sipex Corporation
Example 2: Drive high VF white or blue LEDs from
existing bus from 4.0V to 5.5V
High VF white or blue LEDs have forward voltage drop in
the range of 3.2V to 4.0V. To drive these LEDs with the
maximum current of 20mA for maximum brightness,
usually requires a boost circuit for a single cell Li-ion
voltage range. In some cases, there is already a voltage
bus in the system, which can be utilized. Due to the ultra-
low voltage drop of the SP761X series of LED drivers to
drive high VF white or blue LEDs. The VIN needs to be
only 300mV higher than the highest VF in the circuit.
APPLICATION INFORMATION
- TDROP < 0.3V
- VF (at 20mA) < 3.3V to 4.0V (High VF)
- VIN (at 20mA) = VDROP +VF = 3.6V to 4.3V
- VIN (at 5mA typical) ~ 3.3V
Where VIN = Existing bus = 3.3V to 4.3V
Key Advantages
1) No boost circuit needed for the LCD or keyboard
backlight
2) Drivers utilizes existing bus
3) Ultra-low voltage drop provides the full 20mA LED
current at the lowest possible voltage level.
Example 3: Drive white, blue red, amber LEDs string
Assuming boost circuit, or existing voltage bus, the
SP761X series of LED drivers can be used to drive a
whole string of LEDs and flexible brightness control -
analog and/or PWM.
- VDROP < 0.3V
- VIN_MIN = N x VF + VDROP
- VIN_MIN = N x VF + 5.5V
Where VIN = Existing bus, boost Voltage
Key Advantages
1) No need for current matching resistors and discrete
transistor for brightness control
LED Brightness Control
All of the SP761X LED Drivers feature analog and PWM
controls to give designers flexible brightness control.
These control methods can be applied to the circuit in two
different ways, to provide more flexibility than any other
solution. To determine the value of RSET, use the "ISET vs.
VCRTL" graph under the Typical Performance Character-
istics.
1. SP7611A
VIN
LED1
GND
CTRL
ON/OFF
ENABLE
VCONTROL 3V
RSET
®
®
SP7611
I SET
LED3
LED2
LED4
- Analog
Set VCONTROL and RSET for LED current
ILED = 200 x (VCONTROL - VCNTR) / RSET
- PWM
VCONTROL = PWM
-Amplitude sets maximum LED current
-Pulse width controls between 0 and maximum
2. SP7612
VIN
LED1
GND
CTRL
ON/OFF
ENABLE
VCONTROL
RSET
®
®
SP7612
I SET
LED3
LED4
VIN
LED1
GND
CTRL
ON/OFF
ENABLE
VCONTROL
RSET
®
®
SP7611
I SET
LED3
LED2
LED4
V
IN
LED1
GND
CTRL
ON/OFF
ENABLE
VCONTROL
RSET
®
®
SP7611
I SET
LED2
LED4
‘N’number of LEDs Per Branch
LED3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com