Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1-R27-10 Datasheet(PDF) 4 Page - Semikron International

Part # C1-R27-10
Description  CERAMIC CHIP INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C1-R27-10 Datasheet(HTML) 4 Page - Semikron International

  C1-R27-10 Datasheet HTML 1Page - Semikron International C1-R27-10 Datasheet HTML 2Page - Semikron International C1-R27-10 Datasheet HTML 3Page - Semikron International C1-R27-10 Datasheet HTML 4Page - Semikron International C1-R27-10 Datasheet HTML 5Page - Semikron International C1-R27-10 Datasheet HTML 6Page - Semikron International C1-R27-10 Datasheet HTML 7Page - Semikron International C1-R27-10 Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
26.01.2015
C1 SERIES
7. CHARACTERISTICS CURVES :
CERAMIC CHIP INDUCTORS
1
10
100
1 000
10000
FREQUENCY(MHz)
0. 1
1
10
100
1000
10000
HCI1005F Z VS Freq.
6.8n
10n
22n
47n
100n
1
10
100
1000
1 0000
FREQUENCY(MHz)
1
10
100
1000
HCI1005F L VS Freq.
6.8n
10n
22n
47n
100n
1
10
100
1000
10000
FREQUENCY(MHz)
1
10
100
HCI1005F Q VS Freq.
6.8n
10n
22n
47n
100n
Impedance v.s. Frequency Characteristics
Inductance v.s. Frequency Characteristics
Q v.s. Frequency Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com