Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1-R27-10 Datasheet(PDF) 2 Page - Semikron International

Part # C1-R27-10
Description  CERAMIC CHIP INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C1-R27-10 Datasheet(HTML) 2 Page - Semikron International

  C1-R27-10 Datasheet HTML 1Page - Semikron International C1-R27-10 Datasheet HTML 2Page - Semikron International C1-R27-10 Datasheet HTML 3Page - Semikron International C1-R27-10 Datasheet HTML 4Page - Semikron International C1-R27-10 Datasheet HTML 5Page - Semikron International C1-R27-10 Datasheet HTML 6Page - Semikron International C1-R27-10 Datasheet HTML 7Page - Semikron International C1-R27-10 Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C1 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.01.2015
6. ELECTRICAL CHARACTERISTICS :
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
( MHz )
100
100
C1-1N0S-10
Part Number
Typ.
300
DC Resistance
( Ω )
Min
Q
8
1.0
(nH)
1.2
1.5
2.0
1.8
3.0
3.6
3.3
4.3
3.9
2.2
2.4
2.7
4.7
Inductance
( MHz )
Min
SRF
Rated Current
(mA) Max
5.1
100
0.04
8
8
8
8
8
8
8
8
8
8
8
8
8
8
300
300
300
300
300
300
300
300
300
300
300
300
300
300
>13000
6000
6000
6000
6000
6000
6000
6000
6000
5000
4000
4000
4000
4000
100
100
100
100
100
300
300
300
300
300
4000
3900
3900
3700
3600
8
8
8
8
8
5.6
6.2
6.8
7.5
8.2
C1-1N2S-10
C1-1N5S-10
C1-1N8S-10
C1-2N0S-10
C1-2N2S-10
C1-2N4S-10
C1-2N7S-10
C1-3N0S-10
C1-3N3S-10
C1-3N6S-10
C1-3N9S-10
C1-4N3S-10
C1-4N7S-10
C1-5N1S-10
C1-5N6S-10
C1-6N2S-10
C1-6N8□-10
C1-7N5□-10
C1-8N2□-10
Q(Typ.) Frequency(MHz)
100 300 500 800 1000
11
11
11
11
11
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
25
25
24
23
21
18
18
18
18
18
18
18
18
18
18
18
18
18
18
18
34
35
33
30
27
25
24
24
24
24
24
24
24
24
24
24
24
23
23
23
43
44
44
36
34
31
31
31
31
31
31
31
31
31
31
30
30
29
29
29
52
52
48
42
39
36
35
34
35
35
35
35
35
34
34
35
34
32
32
31
Max.
0.08
Typ.
10000
>13000
11000
10500
10000
9500
9000
8500
8000
7500
7000
6500
6000
5800
5700
5600
5500
5200
4900
0.04
0.09
0.05
0.10
0.06
0.12
0.06
0.12
0.07
0.13
0.07
0.13
0.08
0.13
0.09
0.16
0.10
0.16
0.11
0.20
0.12
0.21
0.12
0.20
0.12
0.21
0.13
0.21
0.15
0.23
0.16
0.25
0.17
0.25
0.18
0.25
0.21
0.28
100
300
3400
8
9.1
C1-9N1□-10
10
18
23
29
31
4500
0.22
0.30
100
300
3200
8
10
C1-10N□-10
10
18
23
29
31
4300
0.23
0.31
100
300
2700
8
12
C1-12N□-10
11
18
23
29
31
3900
0.28
0.40
100
300
2300
8
15
C1-15N□-10
11
18
23
28
30
3500
0.31
0.46
100
300
2100
8
18
C1-18N□-10
11
18
23
28
30
3100
0.35
0.55
100
300
1900
8
22
C1-22N□-10
11
17
22
26
27
2800
0.42
0.60
100
300
1600
8
27
C1-27N□-10
11
17
21
25
26
2300
0.47
0.70
100
200
1300
8
33
C1-33N□-10
11
16
20
23
22
1900
0.50
0.80
100
200
1200
8
39
C1-39N□-10
11
16
20
23
21
1700
0.52
0.90
100
200
1000
8
47
C1-47N□-10
11
16
19
21
18
1500
0.58
1.00
100
200
750
8
56
C1-56N□-10
11
16
18
18
16
1300
0.61
1.00
100
180
750
8
68
C1-68N□-10
11
15
17
18
11
1200
0.70
1.20
100
150
600
8
82
C1-82N□-10
10
14
16
15
6
1100
0.81
1.30
100
150
600
8
100
C1-R10□-10
10
14
14
12
-
1000
0.94
1.50
CERAMIC CHIP INDUCTORS
>13000
10000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com