Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP704EP Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP704EP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP704EP Datasheet(HTML) 3 Page - Sipex Corporation

  SP704EP Datasheet HTML 1Page - Sipex Corporation SP704EP Datasheet HTML 2Page - Sipex Corporation SP704EP Datasheet HTML 3Page - Sipex Corporation SP704EP Datasheet HTML 4Page - Sipex Corporation SP704EP Datasheet HTML 5Page - Sipex Corporation SP704EP Datasheet HTML 6Page - Sipex Corporation SP704EP Datasheet HTML 7Page - Sipex Corporation SP704EP Datasheet HTML 8Page - Sipex Corporation SP704EP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
3
S
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
t
e
s
e
R0
4V
mk
a
e
P
o
t
k
a
e
P
t
,
h
t
d
i
W
e
s
l
u
P
t
e
s
e
R
S
R
0
4
10
0
20
8
2s
m
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
RV
C
C
5
.
1
-I
E
C
R
U
O
S
0
0
8
=
µA
1
.
0
4
0
0
.
0
4
.
0
3
.
0
s
t
l
o
VI
K
N
I
S
A
m
2
.
3
=
I
K
N
I
S
0
5
=
µ V
,
A
C
C
V
0
.
1
=
d
l
o
h
s
e
r
h
T
t
u
p
n
I
R
M
W
O
L
H
G
I
H0
.
2
8
.
0V
h
t
d
i
W
e
s
l
u
P
m
u
m
i
n
i
M
R
M0
5
1s
n
y
a
l
e
D
T
E
S
E
R
o
t
R
M0
5
2s
n
t
n
e
r
r
u
C
p
U
ll
u
P
R
M0
0
10
5
20
0
6A
µV
0
=
R
M
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
F
P0
0
2
.
10
5
2
.
10
0
3
.
1s
t
l
o
V
t
n
e
r
r
u
C
t
u
p
n
I
I
F
P5
2
-1
0
.
05
2A
n
e
g
a
t
l
o
V
t
u
p
t
u
O
O
F
PV
C
C
5
.
1
-
1
.
04
.
0
s
t
l
o
V
I
E
C
R
U
O
S
0
0
8
=
µA
I
K
N
I
S
A
m
2
.
3
=
NOTE 1: Either V
CC or VBATT can go to 0V if the other is greater than 2.0V.
NOTE 2: "-" equals the battery-charging current, "+" equals the battery-discharging current.
SPECIFICATIONS (continued)
V
cc=4.75V to 5.50V for SP703, VCC = 4.5 0V to 5.50V for SP704, VBATT=2.80V, TA=TMIN to TMAX, typical specified at 25
OC, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com