Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP704EP Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP704EP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP704EP Datasheet(HTML) 4 Page - Sipex Corporation

  SP704EP Datasheet HTML 1Page - Sipex Corporation SP704EP Datasheet HTML 2Page - Sipex Corporation SP704EP Datasheet HTML 3Page - Sipex Corporation SP704EP Datasheet HTML 4Page - Sipex Corporation SP704EP Datasheet HTML 5Page - Sipex Corporation SP704EP Datasheet HTML 6Page - Sipex Corporation SP704EP Datasheet HTML 7Page - Sipex Corporation SP704EP Datasheet HTML 8Page - Sipex Corporation SP704EP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
4
PIN ASSIGNMENTS
Pin 1 —V
OUT — Output Supply Voltage. VOUT
connects to V
CC when VCC is greater than
V
BATT and VCC is above the reset thresh-
old. When V
CC falls below VBATT and
V
CC is below the reset threshold, VOUT
connects to V
BATT. Connect a 0.1µF ca-
pacitor from V
OUT to GND.
Pin 2 — V
CC — +5V Supply Input
Pin3 — GND — Ground reference for all signals
Pin 4 — PFI — Power-Fail Input. This is the
noninverting input to the power-fail com-
parator. When PFI is less than 1.25V,
PFO goes low. Connect PFI to GND or
V
OUT when not used.
Pin 5 — PFO — Power-Fail Output.
Pin 6 — MR — Manual Reset Input. This input
generates a reset pulse when pulled below
0.8V. This active LOW input is TTL/
CMOS compatible and can be shorted to
ground with a switch. It has an internal
250
µA (typical) pull-up current. Leave
this pin floating when not used.
Pin 7 — RESET (Active Low)– Reset Output.
RESET Output goes low whenever
V
CC falls below the reset threshold or
whenever MR is pulled below 0.8V for
longer than 150nS. RESET remains low
for 200ms after V
CC crosses the reset
threshold voltage on power-up or after
being triggered by MR.
Pin 8 — V
BATT — Backup-Battery Input. When
V
CC falls below the reset threshold, VBATT
will be switched to V
OUT if VBATT is
20mV greater than V
CC. When VCC rises
20mV above V
BATT, VOUT will be recon-
nected to V
CC. The 40mV hysteresis pre-
vents repeated switching if V
CC falls
slowly.
PINOUT
INTERNAL BLOCK DIAGRAM
VOUT
VCC
GND
PFI
VBATT
RESET
MR
PFO
1
2
3
4
5
6
7
8
1.25V
1.25V
BATTERY SWITCHOVER
CIRCUITRY
PFI
MR
VCC
VBATT
RESET
GENERATOR
VOUT
RESET
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com