Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8024 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8024
Description  200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8024 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8024 Datasheet HTML 1Page - Sipex Corporation SP8024 Datasheet HTML 2Page - Sipex Corporation SP8024 Datasheet HTML 3Page - Sipex Corporation SP8024 Datasheet HTML 4Page - Sipex Corporation SP8024 Datasheet HTML 5Page - Sipex Corporation SP8024 Datasheet HTML 6Page - Sipex Corporation SP8024 Datasheet HTML 7Page - Sipex Corporation SP8024 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Rev. 6/02/03
SP8024, 25, 26 200V/µs Integrated APC Amplifier
© Copyright 2003 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1VCC
Supply Voltage
2
GAIN
Gain Select
3RCOM
Common connection point for RGAIN1 and RGAIN2
4
GND
Power Ground
5RGAIN1
Gain Adjust 1
6RGAIN2
Gain Adjust 2
7VOUT-
Output Voltage -
8VOUT+
Output Voltage +
Internal Operation
The SP8024/25/26 APC circuits have an inte-
grated photo detector and are designed with
three nominal sensitivities of 1mV/
µW, 2mV/
µW and 3mV/µW respectively. Each part’s sen-
sitivity can also be adjusted continuously and
independently for two different gain modes via
two external resistors over a range of 12dB. The
two gain modes are controlled by a TTL com-
patible logic input. This logic input also normal-
izes the internal photo detector’s responsivity
for 650nm and 780nm laser wavelengths. The
logic pin selects between the two external gain
setting resistors to allow independent control
and settings for the two gain functions.
The 8024 APC family uses two stages of gain to
optimize for speed and offset. The two stages
consist of a differential trans-impedance ampli-
fier (TIA), and a differential gain adjust ampli-
fier.
TIA
The first stage is a differential trans-impedance
amplifier (TIA) for converting the photo detec-
tor output current to a balanced differential
voltage. This topology allows for fast settling of
the photo detector and also cancels offset ef-
fects. The TIA has no external components.
Variable Gain Amplifier
This stage is used to vary the gain of the system.
It provides selection for two different gain set-
ting resistors, RGAIN1 and RGAIN2, at pins 5 and
6 via internal MOSFET switches S1 and S2. The
logic input at pin 2 controls the selection of the
two external gain set resistors.
Table 1: Gain Select Logic Truth Table
Gain
Sensitivity
Select
Rexternal,
Gain
(mV/µW)
Pin 2
Pin 3 to:
Factor (x)
RG1 = RG2 = 262Ω
SP8024
SP8025
SP8026
0 or Open
RG1 - Pin 5
6.25
1
2
3
1RG2 - Pin 6
6.25
1
2
3
The gain of this balanced amplifier topology is
given by:
GAIN = 1 +
Rf1 + Rf2
REXT
where RGAIN is external and Rf1 = Rf2 = 850Ω
in feedback.
The nominal gain is defined as 6.25.
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com