Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8024 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP8024
Description  200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8024 Datasheet(HTML) 5 Page - Sipex Corporation

  SP8024 Datasheet HTML 1Page - Sipex Corporation SP8024 Datasheet HTML 2Page - Sipex Corporation SP8024 Datasheet HTML 3Page - Sipex Corporation SP8024 Datasheet HTML 4Page - Sipex Corporation SP8024 Datasheet HTML 5Page - Sipex Corporation SP8024 Datasheet HTML 6Page - Sipex Corporation SP8024 Datasheet HTML 7Page - Sipex Corporation SP8024 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Rev. 6/02/03
SP8024, 25, 26 200V/µs Integrated APC Amplifier
© Copyright 2003 Sipex Corporation
Layout and Routing Considerations
Special care must be taken when designing the
Flex or PCB for this part. The output peak
current requirement is in the order of 12.5mA
when driving 50pF of capacitive load with a
slew rate of 200V/s Therefore care must be
taken to provide low inductance, low resistance
paths for power and ground and output traces.
Supply coupling is also very important. Good
supply decoupling is important to ensure the
high frequency performance of the system by
eliminating supply lead inductance effects. The
decoupling capacitor C1 should be as close to
the part as possible. This capacitor should be
0.1
µF ceramic. C2 is optional to improve
decoupling and is recommended to be 1
µF tan-
Figure 2. Test and Evaluation PCB Layout for COB 8 Lead Package
Top
Bottom
talum. The layout of the PCB is pictured here.
Note the wide and short traces on the supply
lines.
The traces for the gain resistors R1 and R2 are
kept as short as possible to avoid excessive
parasitics. Any parasitics on these nodes will
limit the performance of the system. R1 and R2
are subminiature potentiometers in the applica-
tion. This is a single layer board done on FR4
material.
In order to minimize coupling capacitance into
the gain setting resistor nodes, it is also critical
that VOUT+ and VOUT- are routed away from the
traces associated with the gain-setting resistors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com