Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8557 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8557
Description  High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8557 Datasheet(HTML) 1 Page - Texas Instruments

  LP8557 Datasheet HTML 1Page - Texas Instruments LP8557 Datasheet HTML 2Page - Texas Instruments LP8557 Datasheet HTML 3Page - Texas Instruments LP8557 Datasheet HTML 4Page - Texas Instruments LP8557 Datasheet HTML 5Page - Texas Instruments LP8557 Datasheet HTML 6Page - Texas Instruments LP8557 Datasheet HTML 7Page - Texas Instruments LP8557 Datasheet HTML 8Page - Texas Instruments LP8557 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
6p8s
6p6s
6p4s
C001
VIN
LP8557
FB
SW
1.1 ” VOUT / VIN ” 11
L1
D1
VDD
CIN
COU
T
LED1
LED2
LED3
LED4
LED5
LED6
GNDs
ISET
FSET
2.7 V ± 5.5 V
7 V ± 28 V
PWM
PWM
VOUT
RFSET
RISET
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
LP8557 High-Efficiency LED Backlight Driver For Tablets
1 Features
3 Description
The LP8557 and LP8557I are high-efficiency LED
1
•
High-Efficiency DC-DC Boost Converter With 28-V
drivers each featuring an integrated DC-DC inductive
Integrated Power MOSFET
boost converter and six high-precision current sinks.
•
2.7-V to 5.5-V VDD Range for Supporting Single-
LP8557 is intended for applications that exclusively
Cell Li-Ion Battery Applications
use a pulse width modulated (PWM) signal for
controlling the brightness while LP8557I is intended
•
Six 25-mA High-Precision LED Current Sinks
for applications that can utilize an I2C master as well.
•
Adaptive Boost Voltage and LED Current Sink
Headroom Controls for Maximum System
The boost converter has adaptive output voltage
Efficiency
control.
This
feature
minimizes
the
power
consumption by adjusting the voltage to the lowest
•
LED String Count Auto-Detect for Maximum
sufficient level under all conditions.
Design Flexibility
The adaptive current sink headroom voltage control
•
Smart Phase Shift PWM Mode for Reduced
scales the headroom voltage with the LED current for
Audible Noise
optimal system efficiency.
•
PWM Input Duty Cycle Brightness Control, PWM
The LED string auto-detect function enables use of
Output Frequency Selectable Independent of
the same device in systems with 1 to 6 LED strings
Input Frequency
for the maximum design flexibility.
•
Hybrid PWM Plus Current Dimming for Higher
LED Drive Optical Efficiency
Proprietary hybrid PWM plus current mode dimming
enables additional system power savings. Phase-shift
•
Switching Frequency, PWM Output Frequency,
PWM allows reduced audible noise and smaller boost
and LED Current can be set Through Resistors or
output capacitors.
I2C Interface
Flexible CABC support combines brightness level
•
Programmable Boost SW Slew Rate Control and
selections
based
on
the
PWM
input
and
I2C
Spread Spectrum Scheme for Reduced Switching
commands.
Noise and Improved EMI Performance
•
UVLO, TSD, BST_OVP, BST_OCP, BST_UV,
Device Information(1)
LED OPEN* and LED Short Fault Coverage
PART NUMBER
PACKAGE
BODY SIZE (MAX)
•
Minimum Number of External Components
LP8557
DSBGA (16)
1.906 mm x 1.64 mm
LP8557I
2 Applications
(1) For all available packages, see the orderable addendum at
Tablet LCD Display LED Backlight
the end of the data sheet.
Simplified Schematic With PWM-Only Option
LED Efficiency With 6 LED Strings
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8557 TI2-LP8557 Datasheet
1Mb / 49P
LP8557 High-Efficiency LED Backlight Driver For Tablets
REVISED DECEMBER 2015
LP85571 TI2-LP85571 Datasheet
1Mb / 49P
LP8557 High-Efficiency LED Backlight Driver For Tablets
REVISED DECEMBER 2015
LP8557AYFQR TI2-LP8557AYFQR Datasheet
1Mb / 49P
LP8557 High-Efficiency LED Backlight Driver For Tablets
REVISED DECEMBER 2015
LP8557AYFQR.A TI2-LP8557AYFQR.A Datasheet
1Mb / 49P
LP8557 High-Efficiency LED Backlight Driver For Tablets
REVISED DECEMBER 2015
LP8557AYFQR.B TI2-LP8557AYFQR.B Datasheet
1Mb / 49P
LP8557 High-Efficiency LED Backlight Driver For Tablets
REVISED DECEMBER 2015
More results

Similar Description - LP8557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
High-Efficiency LED Backlight Driver for Tablets
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
logo
Texas Instruments
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com