Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8557 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP8557
Description  High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8557 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 9Page - Texas Instruments LP8557 Datasheet HTML 10Page - Texas Instruments LP8557 Datasheet HTML 11Page - Texas Instruments LP8557 Datasheet HTML 12Page - Texas Instruments LP8557 Datasheet HTML 13Page - Texas Instruments LP8557 Datasheet HTML 14Page - Texas Instruments LP8557 Datasheet HTML 15Page - Texas Instruments LP8557 Datasheet HTML 16Page - Texas Instruments LP8557 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
PWM
Detector
Curve
Shaper
Hybrid
PWM&I
Dimming
PWM
Gen
PWM
Input
CURRENT
PWM
MAXCURR
THRESHOLD
PWM/INT
Change in Duty
on this Edge
On-time
tON1
On-time
tON2
tPWM
Cycle Time
tPWM
Cycle Time
ON
PWM
t
Duty =
t
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
Feature Description (continued)
8.3.2.1 PWM Input Duty Measurement
When using PWM input for brightness control the input PWM duty cycle is measured as described in following
diagram and the brightness is controlled based on the result. When changing the brightness it must be noted that
the measurement cycle is from rising edge to next rising edge and brightness change must be done accordingly
(time from rising to rising edge is constant (=cycle time) and falling edge defines the brightness).
Figure 22. PWM Input Duty Cycle Measurement
8.3.2.2 BRTMODE = 00b
With BRTMODE = 00b, the LED output current is controlled by the PWM input duty cycle. The PWM detector
block measures the duty cycle at the PWM pin and uses it to generate a PWM-based brightness code. Before
the output is generated, the code goes through the curve shaper block. Then the code goes into the hybrid PWM
& I Dimming block which determines the range of the PWM and Current control. The outcome of the hybrid PWM
& I dimming block is current and/or up to 6 PWM output signals.
Figure 23. Brightness Data Path for BRTMODE = 00b
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com