Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS1237C Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1237C
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1237C Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1237C Datasheet HTML 1Page - Vectron International, Inc TFS1237C Datasheet HTML 2Page - Vectron International, Inc TFS1237C Datasheet HTML 3Page - Vectron International, Inc TFS1237C Datasheet HTML 4Page - Vectron International, Inc TFS1237C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 1237c.doc
Version 1.0
21.08.2013
Vectron International
Filter specification
TFS 1237C
1/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
200
Output:
200
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 1235.5 MHz without any tolerance or
limit. The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss in PB
ae
3.7
dB
max.
4.5
dB
Nominal frequency
fN
-
1235.5
MHz
Passband
PB
-
fN
±
18.5
MHz
Pass band ripple
p-p
0.8
dB
max.
1.0
dB
Pass band variation
1.5
dB
max.
2.5
dB
Absolute attenuation
aabs
0.3
MHz
… 1000
MHz
27
dB
min.
25
dB
1000
MHz
… 1177
MHz
27
dB
min.
20
dB
1297
MHz
… 1360
MHz
32
dB
min.
12
dB
1360
MHz
… 2500
MHz
29
dB
min.
25
dB
Group delay ripple
-
1217
MHz
… 1237
MHz
7
ns
max.
10
ns
1237
MHz
… 1254
MHz
10
ns
max.
15
ns
Group delay variation
(unit to unit)
**)
+/- 2.5
ns
max.
+/- 5
ns
VSWR within PB
2.0 :1
max.
2.2 : 1
Input power level in PB
-
max.
10
dBm
Operating temperature range
OTR
-
- 40 °C ... + 85°C
Storage temperature range
-
- 45 °C ... + 85°C
Temperature coefficient of frequency
TCf *)
-76
ppm/K
*) ∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz)
**) measured at 1241.5 MHz, 1245.5 MHz, 1249.5 MHz
Generated:
Checked / Approved:


Similar Part No. - TFS1237C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1237 VECTRON-TFS1237 Datasheet
220Kb / 5P
Filter specification
More results

Similar Description - TFS1237C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS115L VECTRON-TFS115L Datasheet
86Kb / 5P
Vectron International Filter specification
TFS169F VECTRON-TFS169F Datasheet
86Kb / 5P
Vectron International Filter specification
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
Vectron International Filter specification
TFS1864A VECTRON-TFS1864A Datasheet
204Kb / 5P
Vectron International Filter specification
TFS1968 VECTRON-TFS1968 Datasheet
85Kb / 5P
Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
Vectron International Filter specification
TFS180G VECTRON-TFS180G Datasheet
191Kb / 5P
Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com