Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS1237C Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS1237C
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1237C Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS1237C Datasheet HTML 1Page - Vectron International, Inc TFS1237C Datasheet HTML 2Page - Vectron International, Inc TFS1237C Datasheet HTML 3Page - Vectron International, Inc TFS1237C Datasheet HTML 4Page - Vectron International, Inc TFS1237C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: tfs 1237c.doc
Version 1.0
21.08.2013
Vectron International
Filter specification
TFS 1237C
3/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Stability characteristics, reliability
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 1 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0.35 mm or 5g respectively, 1 octave per min, 10 cycles per
plane, 3 planes; DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 15 min. each / 100 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: three times max.;
for temperature conditions, see page 4: "Air reflow temperature conditions"
5. ESD
ANSI/ESD S20.20-1999, class 1A for HBM
This filter is RoHS compliant (2002/95/EG, 2005/618/EG)
Packing
Tape & Reel:
IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min. 300 mm
reel of empty components at start including leader:
min. 500 mm
trailer:
min. 300 mm
Do
D1
P2
P1
Po
Ao
Pull Off Direction
PIN Marker
Typ
Date Code
Ko
t
A
C
N
W 1
W 2
The minimum bending radius is 45 mm.
Tape (all dimensions in mm)
W
:
8,00 ± 0,3
Po
:
4,00 ± 0,1
Do
:
1,50 +0,1/-0
E
:
1,75 ± 0,1
F
:
3,50 ± 0,05
G(min)
:
0,75
P2
:
2,00 ± 0,05
P1
:
4,00 ± 0,1
D1(min)
:
1,50
Ao
:
3,25 ± 0,1
Bo
:
3,25 ± 0,1
Ct
:
5,3
± 0,1
Reel (all dimensions in mm)
A
: 180
W1
:
8,4
+1,5/-0
W2(max)
: 14,4
N(min)
: 60
C
: 13,0
± 0,2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com