Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8056 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8056
Description  High Speed 10-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8056 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8056 Datasheet HTML 1Page - Sipex Corporation SP8056 Datasheet HTML 2Page - Sipex Corporation SP8056 Datasheet HTML 3Page - Sipex Corporation SP8056 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SP8056
Rev 1 (9-17-03): SP8056 – High Speed 10 Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
2 of 4
GAIN MODE SELECTION
Gain Mode
Gain Factor
Logic level
Gain1
Gain2
Gain3
Low
Low
DC
RW-read
128
Low
Z
Low
Low
Z
High
R-read
32
Low
High
DC
RW-write(speed 1)
16
High
Low
High
RW-write(speed 2)
12
High
Low
Z
RW-write(speed 3)
8
High
Low
Low
RW-write(speed 4)
6
High
Z
Low
R-write(speed 1)
4
High
Z
High
R-write(speed 2)
3
High
High
Z
R-write(speed 3)
2
High
High
High
R-write(speed 4)
1
High
High
Low
Adjustment mode
32
High
Z
Z
Sleep mode (output=High-Z)
Low
Z
Z
Note: DC - Don't Care, Z - High impedance
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Vs
Reference voltage. Bypass to GND with ceramic capacitor 0.1uF
2
Gain 2
Logic input of Gain Controller. Allows three states – low, high, and floating - Z
3
Gain 1
Logic input of Gain Controller. Allows two states – low and high
4
Gain 3
Logic input of Gain Controller. Allows three states – low, high and floating - Z
5
EF
Output of EF channel (sum of E + F sensor signals). In Adjustment mode it is output
of E channel
6
SAD
Output of SAD channel. In Adjustment mode it is output of F channel
7
GH
Output of GH channel (sum of G + H sensor signals). In Adjustment mode it is output
of G channel
8
SBC
Output of SBC channel. In Adjustment mode it is output of H channel
9
GND
Ground pin
10
A
Output of A channel
11
D
Output of D channel
12
B
Output of B channel
13
C
Output of C channel
14
RF-
Output of RF- channel. RF- = - (A + B +C + D + EF + GH). In Adjustment mode RF-
= - (A + B + C + D + E + F + G + H)
15
RF+
Output of RF+ channel. RF+ = A + B + C + D + EF + GH. In Adjustment mode RF+ =
A + B + C + D + E + F + G + H
16
Vcc
Supply voltage. Bypass to GND with ceramic capacitor 0.1uF
BOARD LAYOUT AND GROUNDING
To obtain the best performance from the SP8056, a printed circuit board with ground plane is
required. High quality, low series resistance ceramic 0.1uF bypass capacitors should be used at
the Vcc and Vs pins (pins 1 and 16). These capacitors must be located as close to the pins as
possible. The traces connecting the pins and the bypassing capacitors must be kept short and
should be made as wide as possible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com