Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8056 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8056
Description  High Speed 10-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8056 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8056 Datasheet HTML 1Page - Sipex Corporation SP8056 Datasheet HTML 2Page - Sipex Corporation SP8056 Datasheet HTML 3Page - Sipex Corporation SP8056 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SP8056
Rev 1 (9-17-03): SP8056 – High Speed 10 Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
1 of 4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vs
Gain 2
Gain 1
Gain 3
EF
SAD
GH
SBC
Vcc
RF+
RF-
C
B
D
A
GND
SP8056
16-Pin
OPLGA
FEATURES
•
Dual wavelength 650 and 780nm
•
Data channel bandwidth 130 MHz
•
Eleven selectable gain settings covering 42dB range
•
Group delay error less than 1ns up to 72MHz
•
Slew rate up to 400V/us
•
Small 16-pin OPLGA package
APPLICATION
•
DVD-RAM with CD-RW capability
•
DVD-RW with CD-RW capability
•
Writable data storage optical devices
GENERAL DESCRIPTION
The SP8056 is a ten channel photo detector IC (PDIC) specially designed for high speed DVD-
RAM and DVD-RW applications and can operate at wavelength of 650 and 780 nm. The ten
channels consist of four high speed channels (A, B, C, and D), two average speed channels (EF
and GH), two slow channels (SAD and SBC), and two channels with paraphase output (RF+
and RF-). The EF and GH channels output is sum of signals from E + F and G + H sensors
respectively. The RF channels output is sum of A + B + C + D + EF + GH channels with
identical weights. Low noise operation enables data recovery at very low signal levels.
The SP8056 has three logic inputs for gain control, one of them operating as TTL compatible
(Gain 1), and two other operating as three state logic inputs (Gain 2 and Gain 3). The allowable
14 logic states are used to select 11 gain factors, an adjustment mode, and a sleep mode (see
table 4). Adjustment mode is used to adjust the position of the PDIC with respect to the laser
beam. In this mode each of the sensors E, F, G, and H is connected to the input of EF, GH,
SAD, and SBC channels respectively instead of the standard configuration.
In sleep mode all channels are in tri-state condition.
The SP8056 is manufactured with an advanced 10GHz BICMOS technology.
High Speed 10-channel Photo Detector IC


Similar Part No. - SP8056

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8053DG SIPEX-SP8053DG Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
More results

Similar Description - SP8056

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8059 SIPEX-SP8059 Datasheet
77Kb / 4P
10 Channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com