Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRG16AB Datasheet(PDF) 12 Page - Seoul Semiconductor

Part # STDRG16AB
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STDRG16AB Datasheet(HTML) 12 Page - Seoul Semiconductor

Back Button STDRG16AB Datasheet HTML 8Page - Seoul Semiconductor STDRG16AB Datasheet HTML 9Page - Seoul Semiconductor STDRG16AB Datasheet HTML 10Page - Seoul Semiconductor STDRG16AB Datasheet HTML 11Page - Seoul Semiconductor STDRG16AB Datasheet HTML 12Page - Seoul Semiconductor STDRG16AB Datasheet HTML 13Page - Seoul Semiconductor STDRG16AB Datasheet HTML 14Page - Seoul Semiconductor STDRG16AB Datasheet HTML 15Page - Seoul Semiconductor STDRG16AB Datasheet HTML 16Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
STDRG16A-T6 Deep Red-B
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
www.seoulsemicon.com
12
Rev3.1, Feb 16, 2016
Reliability Test
Test Item
Standard
Test Method
Test Condition
Duration
/ Cycle
Number
Of Test
External Visual
JESD22 B-101
Visual inspection
-
77
D.P.A
AEC-Q101-004
Random Sample H3TRB,HAST,TC
-
5
Vibration
JESD22 B-103
0.06 inch displacement,
20 to 100 Hz,
50 g 100 Hz to 2kHz,
4 times
30
ESD
JESD22 A-114
Human-body mode,
R=1.5㏀, C = 100pF
3 times
Negative/
Positive
30
Physical Dimension
JESD22 B-100
Verify physical dimensions against
device mechanical drawing
3 times
30
Mechanical Shock
JESD22 B-104
1500 g's for 0.5 ms,
5 blows, 3 orientations
3 times
30
Parametric Verification
JESD22 A-108
25℃, 1000 hours @200mA
1000hrs
77
Temperature cycling
JESD22 A-104
Tc= -40°∼100°C, 30 min. dwell,
5 min transfer, 1000 cycles
1000hrs
77
Power Temperature Cycle
JESD22 A-105
Ta=-40℃~85℃, If =125mA,
20 min dwell / 20 min transition
(1 hour cycle), 2 min ON / 2 min OFF
1000hrs
77
High Humidity High Temp.
Operating Life
JESD22 A-101
85℃/85% RH, @ 125mA
1000hrs
77
High Temperature
Operating Life
JESD22 A-108C
Ta= 100°C, If =75mA
1000hrs
77
Low Temperature
Operating Life
JESD22 A-108C
Ta= -40°C, If = 200mA
1000hrs
77
Low Temperature
Storage Life
JESD22 A-119
Ta=-40°C, non-operating
1000hrs
77
High Temperature
Storage Life
JESD22 A-103B
Ta=100°C, non-operating
1000hrs
77
Thermal Shock
JESD22 A-104
-40°C ~ 100°C,
20 min. dwell, <10 second transfer,
1000 cycles
1000hrs
77
Item
Symbol
Condition
Criteria for Judgment
MIN
MAX
Forward Voltage
V
F
I
F =140mA
-
Initial × 1.2
Luminous Intensity
I
V
I
F =140mA
Initial × 0.8
-
Criteria for Judging the Damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com