Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRG16AB Datasheet(PDF) 17 Page - Seoul Semiconductor

Part # STDRG16AB
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STDRG16AB Datasheet(HTML) 17 Page - Seoul Semiconductor

Back Button STDRG16AB Datasheet HTML 13Page - Seoul Semiconductor STDRG16AB Datasheet HTML 14Page - Seoul Semiconductor STDRG16AB Datasheet HTML 15Page - Seoul Semiconductor STDRG16AB Datasheet HTML 16Page - Seoul Semiconductor STDRG16AB Datasheet HTML 17Page - Seoul Semiconductor STDRG16AB Datasheet HTML 18Page - Seoul Semiconductor STDRG16AB Datasheet HTML 19Page - Seoul Semiconductor STDRG16AB Datasheet HTML 20Page - Seoul Semiconductor STDRG16AB Datasheet HTML 21Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STDRG16A-T6 Deep Red-B
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
www.seoulsemicon.com
17
Rev3.1, Feb 16, 2016
Product Nomenclature
 제품 명명법 (nomenclature)
Lot Number Code
Description
Lot Number
Value
Y
1Y2
Year
Y
3
Month
Y
4Y5
Day
Y
6
Top View LED series
Y
7Y8Y9Y10
Mass order
Y
11Y12Y13Y14Y15Y16Y17
Internal Number
Table 6. Lot Numbering System :Y
1Y2Y3Y4Y5Y6Y7Y8Y9Y10–Y11Y12Y13Y14Y15Y16Y17
Table 5. Part Numbering System : X
1X2X3X4X5X6X7X8 X9
Part Number Code
Description
Part Number
Value
X
1
Company
S
SSC
X
2
Package Type
T
TOP LED
X
3X4
Color
DR
Deep Red
X
5
Package series
G
T6 Series
X
6
Number of Chip
1
1 Chip
X
7
Number of Pin
6
6 Pin
X
8X9
Product Revision
AB
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com