Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2PB Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STW8C2PB
Description  Achieving the best system cost in Mid/High Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2PB Datasheet(HTML) 3 Page - Seoul Semiconductor

  STW8C2PB Datasheet HTML 1Page - Seoul Semiconductor STW8C2PB Datasheet HTML 2Page - Seoul Semiconductor STW8C2PB Datasheet HTML 3Page - Seoul Semiconductor STW8C2PB Datasheet HTML 4Page - Seoul Semiconductor STW8C2PB Datasheet HTML 5Page - Seoul Semiconductor STW8C2PB Datasheet HTML 6Page - Seoul Semiconductor STW8C2PB Datasheet HTML 7Page - Seoul Semiconductor STW8C2PB Datasheet HTML 8Page - Seoul Semiconductor STW8C2PB Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8C2PB
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Mar 22, 2016
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Product Selection Guide, I
F = 200mA , Tj = 25ºC, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the
mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :
Part Number
CCT (K)
[1]
RANK
Luminous Intensity
[2]
Luminous Flux
[3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
STW8C2PB
6500
K27
27
28.5
83.7
88.4
80
K28
28.5
30
88.4
93.0
80
5600
K27
27
28.5
83.7
88.4
80
K28
28.5
30
88.4
93.0
80
5000
K27
27
28.5
83.7
88.4
80
K28
28.5
30
88.4
93.0
80
L30
30
32
93.0
99.2
80
4500
K27
27
28.5
82.4
86.9
80
K28
28.5
30
86.9
91.5
80
L30
30
32
91.5
97.6
80
4000
K27
27
28.5
82.4
86.9
80
K28
28.5
30
86.9
91.5
80
L30
30
32
91.5
97.6
80
3500
K27
27
28.5
81.0
85.5
80
K28
28.5
30
85.5
90.0
80
L30
30
32
90.0
96.0
80
3000
K27
27
28.5
81.0
85.5
80
K28
28.5
30
85.5
90.0
80
2700
K27
27
28.5
81.0
85.5
80
K28
28.5
30
85.5
90.0
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com