Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2PB Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STW8C2PB
Description  Achieving the best system cost in Mid/High Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2PB Datasheet(HTML) 4 Page - Seoul Semiconductor

  STW8C2PB Datasheet HTML 1Page - Seoul Semiconductor STW8C2PB Datasheet HTML 2Page - Seoul Semiconductor STW8C2PB Datasheet HTML 3Page - Seoul Semiconductor STW8C2PB Datasheet HTML 4Page - Seoul Semiconductor STW8C2PB Datasheet HTML 5Page - Seoul Semiconductor STW8C2PB Datasheet HTML 6Page - Seoul Semiconductor STW8C2PB Datasheet HTML 7Page - Seoul Semiconductor STW8C2PB Datasheet HTML 8Page - Seoul Semiconductor STW8C2PB Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8C2PB
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
4
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Mar 22, 2016
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
200
-
mA
Forward Voltage[1]
V
F
2.9
-
3.2
V
Luminous Intensity (5000K)[1]
Iv
-
29.5
-
cd
Luminous Intensity (2700K)[1]
Iv
-
27.7
-
cd
CRI[1]
Ra
80
-
-
Viewing Angle [2]
2
Θ
1/2
-
120
-
Deg.
Thermal resistance (J to S) [3]
Rθ
J-S
-
15
-
℃/W
ESD Sensitivity(HBM) [4]
-
Class 2 JESD22-A114-E
Parameter
Symbol
Value
Unit
Forward Current
I
F
400
mA
Power Dissipation
P
D
1.44
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-40~ + 85
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Table 3. Characteristics, I
F=200mA, Tj= 25ºC, RH30%
Table 4. Absolute Maximum Ratings
Notes :
(1) Tolerance : VF :±0.1V, IV :±7%, Ra :±2, x,y :±0.005
(2) 2Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
(3) Thermal resistance : Rth
JS (Junction / solder)
(4) The products are sensitive to static electricity and must be carefully taken when handling products.
•
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
•
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
•
All measurements were made under the standardized environment of Seoul Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com