Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8062 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8062
Description  High Speed 10-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8062 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8062 Datasheet HTML 1Page - Sipex Corporation SP8062 Datasheet HTML 2Page - Sipex Corporation SP8062 Datasheet HTML 3Page - Sipex Corporation SP8062 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SP8062
Rev 1.7 (01-16-04): SP8062 – High Speed 10 Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
2 of 4
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other
above those indicated in the operation sections of the specifications below is not implied.
Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
Supply Voltage (Vcc)……………………..6.0V
Input Voltage at any input….-0.6V to Vcc +0.5V
Output Voltage (Vout)…………..……… Vcc
Storage Temperature………...-40
°C to +100°C
Soldering Temperature…………………+235
°C
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (Vcc)…………………...4.5V to 5.5V
Reference Voltage (Vs)…..…………….1.8V to 2.2V
Operating temperature………………….-30 to +80
oC
BOARD LAYOUT AND GROUNDING
To obtain the best performance from the SP8062, a printed circuit board with ground plane is
required. High quality, low series resistance ceramic 0.1uF bypass capacitors should be used at
the Vcc and Vs pins (pins 1 and 16). These capacitors must be located as close to the pins as
possible. The traces connecting the pins and the bypassing capacitors must be kept short and
should be made as wide as possible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com