Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8062 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8062
Description  High Speed 10-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8062 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8062 Datasheet HTML 1Page - Sipex Corporation SP8062 Datasheet HTML 2Page - Sipex Corporation SP8062 Datasheet HTML 3Page - Sipex Corporation SP8062 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SP8062
Rev 1.7 (01-16-04): SP8062 – High Speed 10 Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
3 of 4
OPLGA 16L PACKAGE DIMENSIONS
NOTE ON DETECTOR ORIENTATION WITHIN PACKAGE: Detector “H” is the photo detector
element closest to the top of the package (closest to pins 1 and 16).
Clear Mold Compound Characteristics:
Clear Mold Material
: NT330HQ
Refractive index
: 1.57



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com