Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8110 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8110
Description  Two-Channel Modulation IC for Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8110 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8110 Datasheet HTML 1Page - Sipex Corporation SP8110 Datasheet HTML 2Page - Sipex Corporation SP8110 Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advance
SP8110
Rev 0.1 (12-03-03): SP8110 – Two-Channel Modulation IC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
2 of 3
INPUT CHARACTERISTICS: IA/IB INPUT CURRENT VS INPUT VOLTAGE
MODE SELECTION
IA current
IB current
Mode
> 2.65 mA
< 2.5 mA
LD_A output active
< 2.5 mA
> 2.65 mA
LD_B output active
> 2.65 mA
> 2.65 mA
Error
< 2.5 mA
< 2.5 mA
Power Save
PIN ASSIGNMENTS
Pin No.
Pin Name
Function
1
IA
Amplitude setting for output LD_A
2
IB
Amplitude setting for output LD_B
3
RFreq
Modulation Frequency adjusting pin
(An external resistor is connected between this pin and ground.)
4
Vcc
Power supply pin
5
LD_B
Output pin of channel B
(Anode of laser diode is connected with this pin.)
6
GND
Ground pin
7
LD_A
Output pin of channel A
(Anode of laser diode is connected with this pin.)
8
Vcc_out
Power supply for LD_A and LD_B outputs
BOARD LAYOUT AND GROUNDING
To obtain the best performance from the SP8110, a printed circuit board with ground plane is
required. High quality, low series resistance ceramic 0.1uF bypass capacitors should be used at
the Vcc and Vcc_out pins (pins 4 and 8). Pin 8 should also have a 0.1uF bypass capacitor.
These capacitors must be located as close to the pins as possible. The traces connecting the
pins and the bypassing capacitors must be kept short and should be made as wide as possible.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com