Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8110 Datasheet (PDF) - Sipex Corporation

SP8110 Datasheet PDF - Sipex Corporation
Part # SP8110
Download  SP8110 Download
File Size   109.31 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Two-Channel Modulation IC for Laser Diode

SP8110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8110 Datasheet PDF - Sipex Corporation

Part # SP8110
Download  SP8110 Click to download

File Size   109.31 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Two-Channel Modulation IC for Laser Diode

SP8110 Datasheet (HTML) - Sipex Corporation


SP8110 Product details

GENERAL DESCRIPTION
The SP8110 is a Two-Channel Modulation IC utilizing high frequency current to suppress the noise of grounded laser diodes. Modulation frequency is adjusted in both channels simultaneously by an external resistor Rf tied to the ground. The amplitude of the high frequency current is set for each channel separately by a DC input current applied to the appropriate input pin (IA or IB for Laser A or Laser B, respectively). Current gain from input to output is 100mA/mA (typical).

FEATURES
• 5V Single supply voltage
• Two output channels, suitable for different wavelength laser diodes
• Oscillator frequency is adjustable in both channels simultaneously
• Oscillator amplitude is adjustable for each output separately up to 130mA
• Operates two grounded laser diodes
• Small DFN 2 x 3mm package

APPLICATION
• DVD-ROM or DVD-Video applications utilizing twin laser diodes




Similar Part No. - SP8110

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP810 SIPEX-SP810 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP810 EXAR-SP810 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
SeCoS Halbleitertechnol...
SP8100S SECOS-SP8100S Datasheet
398Kb / 2P
8.0AMP Schottky Barrier Rectifiers
logo
Sipex Corporation
SP8107 SIPEX-SP8107 Datasheet
146Kb / 3P
Three Channel High Performance Laser Driver
SP810EK-2-3 SIPEX-SP810EK-2-3 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
More results


Similar Description - SP8110

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8573FN TOSHIBA-TA8573FN Datasheet
232Kb / 7P
HIGH-FREQUENCY MODULATION IC FOR LASER DIODE
logo
Sanken electric
FMP-3FU SANKEN-FMP-3FU Datasheet
33Kb / 2P
Damper diode (Diode modulation for Displays)
FMV-3FU SANKEN-FMV-3FU Datasheet
26Kb / 1P
Damper Diode (Diode modulation for TV)
logo
Sony Corporation
SLD6162RLI SONY-SLD6162RLI Datasheet
49Kb / 4P
Two-wavelength Laser Diode
logo
STMicroelectronics
DMV1500M STMICROELECTRONICS-DMV1500M Datasheet
73Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Jul-2001
logo
Sanyo Semicon Device
SMA4203 SANYO-SMA4203 Datasheet
31Kb / 3P
Oscillator IC for Laser Diode Noise Suppression Applications
LA9450CL SANYO-LA9450CL Datasheet
58Kb / 5P
Bi-CMOS IC For Laser Diode For Laser Diode
logo
Asahi Kasei Microsystem...
AK2572 AKM-AK2572 Datasheet
440Kb / 50P
APC for Burst Mode Applicable Direct Modulation Laser Diode
logo
Sanyo Semicon Device
SMA4306 SANYO-SMA4306 Datasheet
338Kb / 4P
Oscillator IC for Laser Diode Noise Suppression Applications
SMA4306 SANYO-SMA4306_12 Datasheet
473Kb / 6P
Oscillator IC for Laser Diode Noise Suppression Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com