Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693AEN/TR Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP693AEN/TR
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693AEN/TR Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP693AEN/TR Datasheet HTML 7Page - Sipex Corporation SP693AEN/TR Datasheet HTML 8Page - Sipex Corporation SP693AEN/TR Datasheet HTML 9Page - Sipex Corporation SP693AEN/TR Datasheet HTML 10Page - Sipex Corporation SP693AEN/TR Datasheet HTML 11Page - Sipex Corporation SP693AEN/TR Datasheet HTML 12Page - Sipex Corporation SP693AEN/TR Datasheet HTML 13Page - Sipex Corporation SP693AEN/TR Datasheet HTML 14Page - Sipex Corporation SP693AEN/TR Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
11
10k
Ω and the output saturation voltage is below
0.4V while sinking 40
µA. When using a 10kΩ
external pull-down resistor, the high state for
the RESET output with Vcc = 4.75V is 4.5V
typical. For battery voltages less than or equal
to 2V connected to VBATT, RESET and RESET
remains valid for VCC from 0V to 5.5V.
RESET and RESET are asserted when V
CC falls
below the reset threshold and remain asserted
for the Reset Timeout Period (200ms nominal)
after V
CC rises above the reset threshold voltage
on power-up. Refer to Figure 19. The devices'
battery-switchover comparator does not affect
reset assertion. However, both reset outputs are
asserted in battery-backup mode since V
CC must
be below the reset threshold to enter this mode.
Figure 18. External Pull-down Resistor Ensures
RESET is Valid with V
CC Down to Ground.
TO µP RESET
10kΩ
15
Corporation
RESET
Figure 19. Reset and Chip-Enable Timing
4) Watchdog function ➡ Monitors
µP activity
where the watchdog output goes to a logic
LOW state if the watchdog input is not
toggled for greater than the timeout period.
5) Internal switch ➡ Switches over from V
CC
to V
BATT if the VCC falls below the reset
threshold.
RESET and RESET Outputs
The SP691A/693A/800L/800M devices'
RESET and RESET outputs ensure that the
µP
powers up in a known state, and prevents
code-execution errors during power-down or
brownout conditions.
The RESET output is active low, and typically
sinks 3.2mA at 0.1V saturation voltage in its
active state. When deasserted, RESET sources
1.6mA at typically VOUT – 0.5V. RESET output
is open drain, active high, and typically sinks
3.2mA with a saturation voltage of 0.1V. When
no backup battery is used, RESET output is
guaranteed to be valid down to VCC = 1V, and
an external 10k
Ω pull-down resistor on RESET
ensures that RESET will be valid with VCC
down to GND as shown on Figure 18. As VCC
goes below 1V, the gate drive to the RESET
output switch reduces accordingly, increasing
the R
DS(ON) and the saturation voltage. The
10k
Ω pull-down resistor ensures the parallel
combination of switch plus resistor is around
Vcc
CE IN
CE OUT
RESET
12µ
100µs
100µs
RESET
THRESHOLD
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com