Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693AEN/TR Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP693AEN/TR
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693AEN/TR Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP693AEN/TR Datasheet HTML 15Page - Sipex Corporation SP693AEN/TR Datasheet HTML 16Page - Sipex Corporation SP693AEN/TR Datasheet HTML 17Page - Sipex Corporation SP693AEN/TR Datasheet HTML 18Page - Sipex Corporation SP693AEN/TR Datasheet HTML 19Page - Sipex Corporation SP693AEN/TR Datasheet HTML 20Page - Sipex Corporation SP693AEN/TR Datasheet HTML 21Page - Sipex Corporation SP693AEN/TR Datasheet HTML 22Page - Sipex Corporation SP693AEN/TR Datasheet HTML 23Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
19
Figure 30. Watchdog Flow Diagram
START
SET
WDI
LOW
SUBROUTINE
OR PROGRAM LOOP
SET WDI
HIGH
RETURN
END
Watchdog Software Considerations
A way to help the watchdog timer keep a closer
watch on software execution involves setting
and resetting the watchdog input at different
points in the program, rather than "pulsing" the
watchdog input high-low-high or low-high-low.
This technique avoids a "stuck" loop where the
watchdog timer continues to be reset within the
loop, keeping the watchdog from timing out.
Figure 30 shows an example flow diagram
where the I/O driving the watchdog input is set
high at the beginning of the program, set low at
the beginning of every subrouting or loop, then
set high again when the program returns to the
beginning. If the program should "hang" in any
subroutine, the I/O is continually set low and
the watchdog timer is allowed to time out,
causing a reset or interrupt to be issued.
Maximum V
CC Fall Time
The VCC fall time is limited by the propagation
delay of the battery switchover comparator and
should not exceed 0.03V/
µs. A standard rule of
thumb for filter capacitance on most regulators
is on the order of 100
µF per amp of current.
When the power supply is shut off or the main
battery is disconnected, the associated initial
VCC fall rate is just the inverse of 1A/100
µF =
0.01V/
µs. The VCC fall rate decreases with time
as VCC falls exponentially, which more than
satisfies the maximum fall-time requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com