Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6201EM5 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP6201EM5
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6201EM5 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP6201EM5 Datasheet HTML 9Page - Sipex Corporation SP6201EM5 Datasheet HTML 10Page - Sipex Corporation SP6201EM5 Datasheet HTML 11Page - Sipex Corporation SP6201EM5 Datasheet HTML 12Page - Sipex Corporation SP6201EM5 Datasheet HTML 13Page - Sipex Corporation SP6201EM5 Datasheet HTML 14Page - Sipex Corporation SP6201EM5 Datasheet HTML 15Page - Sipex Corporation SP6201EM5 Datasheet HTML 16Page - Sipex Corporation SP6201EM5 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Part Number
Topmark
Temperature Range
Package Type
SP6200EM5-1.5 ................... E15 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-1.5/TR ............. E15 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-1.8 ................... E18 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-1.8/TR ............. E18 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-2.5 ................... E25 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-2.5/TR ............. E25 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-2.7 ................... E27 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-2.7/TR ............. E27 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-2.85 ................ E285 ....................... -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-2.85/TR .......... E285 ....................... -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-3.0 ................... E30 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-3.0/TR ............. E30 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-3.3 ................... E33 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-3.3/TR ............. E33 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-3.5 ................... E35 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-3.5/TR ............. E35 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-5.0 ................... E50 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-5.0/TR ............. E50 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6200EM5-ADJ ................ EADJ ...................... -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6200EM5-ADJ/TR .......... EADJ ...................... -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6201EM5-1.5 ................... F15 ........................ -40˚C to +125˚C ........................ 5 Pin SOT-23
SP6201EM5-1.5/TR ............. F15 ........................ -40˚C to +125˚C . (Tape & Reel) 5 Pin SOT-23
SP6201EM5-1.8 ................... F18 ........................ -40˚C to +125˚C ........................ 5 Pin SOT-23
SP6201EM5-1.8/TR ............. F18 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
ORDERING INFORMATION
ANALOG EXCELLENCE
Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
/TR = Tape and Reel
Pack quantity is 2500 for SOT-23 and 3,000 for DFN.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6200EM5-1.5/TR = standard; SP6200EM5-1.5-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com