Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6201EM5 Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP6201EM5
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6201EM5 Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP6201EM5 Datasheet HTML 9Page - Sipex Corporation SP6201EM5 Datasheet HTML 10Page - Sipex Corporation SP6201EM5 Datasheet HTML 11Page - Sipex Corporation SP6201EM5 Datasheet HTML 12Page - Sipex Corporation SP6201EM5 Datasheet HTML 13Page - Sipex Corporation SP6201EM5 Datasheet HTML 14Page - Sipex Corporation SP6201EM5 Datasheet HTML 15Page - Sipex Corporation SP6201EM5 Datasheet HTML 16Page - Sipex Corporation SP6201EM5 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
ANALOG EXCELLENCE
Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Part Number
Topmark
Temperature Range
Package Type
SP6201ER-1.8.....................ER18.........................-60˚C to +125˚C.......................... 8 Pin DFN
SP6201ER-1.8/TR...............ER18.........................-60˚C to +125˚C....
(Tape & Reel) 8 Pin DFN
SP6201EM5-2.5 ................... F25 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6201EM5-2.5/TR ............. F25 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6201EM5-2.7 ................... F27 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6201EM5-2.7/TR ............. F27 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6201EM5-2.85 ................ F285 ....................... -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6201EM5-2.85/TR .......... F285 ....................... -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6201EM5-3.0 ................... F30 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6201EM5-3.0/TR ............. F30 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6201EM5-3.3 ................... F33 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6201EM5-3.3/TR ............. F33 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6201ER-3.3......................ER33........................-60˚C to +125˚C.......................... 8 Pin DFN
SP6201ER-3.3/TR................ER33........................-60˚C to +125˚C....
(Tape & Reel) 8 Pin DFN
SP6201EM5-3.5 ................... F35 ........................ -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6201EM5-3.5/TR ............. F35 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6201EM5- 5.0 .................. F50 ........................ -40˚C to +125˚C ....................... . 5 Pin SOT-23
SP6201EM5/TR ................... F50 ........................ -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
SP6201EM5-ADJ ................ FADJ ...................... -40˚C to +125˚C ......................... 5 Pin SOT-23
SP6201EM5-ADJ/TR .......... FADJ ...................... -40˚C to +125˚C .
(Tape & Reel) 5 Pin SOT-23
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6200EM5-1.5/TR = standard; SP6200EM5-1.5-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2500 for SOT-23 and 3,000 for DFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com