Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2431LS Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX2431LS
Description  Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2431LS Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX2431LS Datasheet HTML 3Page - Sipex Corporation SPX2431LS Datasheet HTML 4Page - Sipex Corporation SPX2431LS Datasheet HTML 5Page - Sipex Corporation SPX2431LS Datasheet HTML 6Page - Sipex Corporation SPX2431LS Datasheet HTML 7Page - Sipex Corporation SPX2431LS Datasheet HTML 8Page - Sipex Corporation SPX2431LS Datasheet HTML 9Page - Sipex Corporation SPX2431LS Datasheet HTML 10Page - Sipex Corporation SPX2431LS Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Rev. 08/13/02
SPX2431L Precision Adjustable Shunt Regulator
© Copyright 2002 Sipex Corporation
1
2
3
0.055 (1.397)
0.045 (1.143)
0.145 (3.683)
0.135 (3.429)
10° typ.
BOTTOM VIEW
0.185 (4.699)
0.045 (1.143)
0.185 (4.699)
0.175 (4.445)
0.085 (2.159) Diameter
0.090 (2.286) typ.
Seating Plane
0.016 (0.406)
0.014 (0.356)
0.055 (1.397)
0.045 (1.143)
0.105 (2.667)
0.095 (2.413)
0.500 (12.70) Min.
0.025 (0.635) Max
Uncontrolled
Lead Diameter
5° typ.
5° typ.
0.090 (2.286) Radius typ.
0.0155 (0.3937)
0.0145 (0.3683)
PACKAGE:
TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com