Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2431LS Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX2431LS
Description  Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2431LS Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX2431LS Datasheet HTML 3Page - Sipex Corporation SPX2431LS Datasheet HTML 4Page - Sipex Corporation SPX2431LS Datasheet HTML 5Page - Sipex Corporation SPX2431LS Datasheet HTML 6Page - Sipex Corporation SPX2431LS Datasheet HTML 7Page - Sipex Corporation SPX2431LS Datasheet HTML 8Page - Sipex Corporation SPX2431LS Datasheet HTML 9Page - Sipex Corporation SPX2431LS Datasheet HTML 10Page - Sipex Corporation SPX2431LS Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Rev. 08/13/02
SPX2431L Precision Adjustable Shunt Regulator
© Copyright 2002 Sipex Corporation
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
PART NUMBER
ACC
OUTPUT VOLTAGE
PACKAGES
SPX2431LAM ...................... 0.5% .............. 2.503V ................................ 3-Pin SOT-23
SPX2431LAS ...................... 0.5% .............. 2.503V .................................... 8-Pin SOIC
SPX2431LAN ...................... 0.5% .............. 2.503V .................................. 3-Pin TO-92
SPX2431LM ........................ 1.0% .............. 2.495V ................................ 3-Pin SOT-23
SPX2431LS ......................... 1.0% .............. 2.495V .................................... 8-Pin SOIC
SPX2431LN ......................... 1.0% .............. 2.495V .................................. 3-Pin TO-92
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com