Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9258 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9258
Description  COT Control, 1.0A Synchronous Step-Down DC/DC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9258 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9258 Datasheet HTML 17Page - Torex Semiconductor XC9258 Datasheet HTML 18Page - Torex Semiconductor XC9258 Datasheet HTML 19Page - Torex Semiconductor XC9258 Datasheet HTML 20Page - Torex Semiconductor XC9258 Datasheet HTML 21Page - Torex Semiconductor XC9258 Datasheet HTML 22Page - Torex Semiconductor XC9258 Datasheet HTML 23Page - Torex Semiconductor XC9258 Datasheet HTML 24Page - Torex Semiconductor XC9258 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21/27
XC9257/XC9258
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Oscillation Frequency vs. Ambient Temperature (Continued)
(9) Pch Driver ON Resistance vs. Ambient Temperature
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta (℃)
XC9257A08E
VIN = 5.0V
VIN = 3.7V
VIN = 2.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
200
400
600
800
1000
Output Current: IOUT (mA)
XC9257A33C
VIN = 4.2V
VIN = 5.0V,5.5V
L = LTF5022T-4R7N2R0-LC(4.7μH)
CIN = 10μF(GRM155R61A106M) CL = 10μF(GRM155R61A106M)
(10) Nch Driver ON Resistance vs. Ambient Temperature
(11) LxSW ”L” Leakage Current vs. Ambient Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
XC9257A08E
100
150
200
250
300
350
400
-50
-25
0
255075
100
125
Ambient Temperature: Ta (℃)
XC9257A08E
VIN = 5.0V
VIN = 3.7V
VIN = 2.5V
VIN = 5.5V
(12) LxSW ”H” Leakage Current vs. Ambient Temperature
(13) CE ”H” Voltage vs. Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta (℃)
XC9257B08E
VIN = 5.0V
VIN = 3.7V
VIN = 2.5V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
XC9257A08E
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com