Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMHT360-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBMHT360-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMHT360-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBMHT360-HF Datasheet HTML 1Page - Comchip Technology CDBMHT360-HF Datasheet HTML 2Page - Comchip Technology CDBMHT360-HF Datasheet HTML 3Page - Comchip Technology CDBMHT360-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 40 to 100 Volts
Forward Current: 3.0 Amp
RoHS Device
CDBMHT340-HF Thru. CDBMHT3100-HF
Page 1
QW-JB056
SMD Schottky Barrier Rectifiers
REV:A
Comchip Technology CO., LTD.
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Continuous reverse voltage
RMS voltage
Max. Forward rectified current
Maximum forward voltage at IF=3.0A
Max. Forward surge current, 8.3ms single
half sine-wave superimposed on rated
load (JEDEC method)
Max. Reverse current
VR=VRRM TJ=25°C
Thermal resistance
Typ. Diode junction capacitance (Note 1)
VRRM
VR
VRMS
IO
VF
IFSM
IR
RθJA
CJ
TJ
CDBMH
T340-HF
CDBMH
T360-HF
CDBMH
T3100-HF
40
40
28
60
60
42
3.0
0.70
50
0.2
10
70
100
100
70
V
V
V
A
V
A
mA
°C/W
°C
0.55
0.85
Operating temperature
Storage temperature range
TSTG
-65 to +175
°C
-55 to +125
-55 to +150
160
pF
1. F=1MHz and applied 4V DC reverse voltage
Note :
VR=VRRM TJ=100°C
IR
Mechanical data
- Case: Molded plastic, SOD-123HT/Mini SMA.
- Terminals: Solderable per MIL-STD-750, method 2026.
- Polarity: Indicated by cathode band.
- Weight: 0.011 grams approx.
- Mounting Position : Any.
- Epoxy : UL94-V0 rated flame retardant.
Dimensions in inches and (millimeter)
SOD-123HT
0.146(3.70)
0.130(3.30)
0.012(0.30) Typ.
0.071(1.80)
0.055(1.40)
0.039(1.00)
0.024(0.60)
0.031(0.80) Typ.
0.031(0.10) Typ.
Halogen Free
Electrical Characteristics (at TA=25°C unless otherwise noted)
Features
- Low power loss, high efficiency.
- High current capability, low forward voltage drop.
- High surge capability.
- Guard ring for overvoltage protection.
- Ultra high-speed switching.
- Silicon epitaxial planar chip, metal silicon junction.
- Lead-free parts meet environmental standards of
MIL-STD-19500/228
better reverse
- Excellent power dissipation offers
leakage current and thermal resistance.
- Low profile package is 40% thinner than standards
SOD-123.
- Heat sink bottom.
0.083(2.10)
0.075(1.90)
0.024(0.6) Typ.
0.051(1.30)
0.043(1.10)
0.031(0.80)
0.024(0.60)
0.047(1.20)
0.039(1.00)
0.033(0.85)
0.030(0.75)
0.047(1.20)
0.039(1.00)
RθJC
35
°C/W
Junction to ambient
Junction to case
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CDBMHT360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMHT1100-HF COMCHIP-CDBMHT1100-HF Datasheet
101Kb / 4P
SMD Schottky Barrier Rectifiers
CDBMHT1150-HF COMCHIP-CDBMHT1150-HF Datasheet
101Kb / 4P
SMD Schottky Barrier Rectifiers
CDBMHT120-HF COMCHIP-CDBMHT120-HF Datasheet
101Kb / 4P
SMD Schottky Barrier Rectifiers
CDBMHT130-HF COMCHIP-CDBMHT130-HF Datasheet
101Kb / 4P
SMD Schottky Barrier Rectifiers
CDBMHT140-HF COMCHIP-CDBMHT140-HF Datasheet
101Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBMHT360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com