Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMHT360-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBMHT360-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMHT360-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBMHT360-HF Datasheet HTML 1Page - Comchip Technology CDBMHT360-HF Datasheet HTML 2Page - Comchip Technology CDBMHT360-HF Datasheet HTML 3Page - Comchip Technology CDBMHT360-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
REV:A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CDBMHT340-HF Thru. CDBMHT3100-HF)
Fig.2- Typical Forward Characteristics
VF, Forward Voltage (V)
0.1
Fig.5- Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
0
120
200
Fig.4-
Junction Capacitance
Typical
0
Reverse Voltage, (V)
300
700
0.01
1
0.01
10
100
1.5
100
Fig.1-
Current Derating Curve
Typical Forward
0
Ambient Temperature, (°C)
2.0
1.5
0.1
0
100
0.01
1
10
100
0.1
0.3
0.5
0.9
1.1
100
400
600
1.0
40
80
160
1
50
125
2.5
3.0
TJ=25°C
0.5
0.1
10
200
500
150
25
75
Fig.3- Maximum Non-repetitive
Forward Surge Current
0
Number of Cycles at 60Hz
50
1
10
100
20
40
10
30
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
SMD Schottky Barrier Rectifiers
TJ=25°C
Pulse Width 300US
1% Duty Cycle
0.7
1.3
CD
BM
HT
31
00
-HF
CD
BM
HT
360
-HF
CD
BM
HT3
40-H
F
TJ=75°C
TJ=100°C
QW-JB056
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com