Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBQC0140R-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBQC0140R-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQC0140R-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBQC0140R-HF Datasheet HTML 1Page - Comchip Technology CDBQC0140R-HF Datasheet HTML 2Page - Comchip Technology CDBQC0140R-HF Datasheet HTML 3Page - Comchip Technology CDBQC0140R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
+125
°C
TSTG
Symbol
Typ
Parameter
Conditions
Min
Max
Unit
Forward voltage
VF
V
Reverse current
Capacitance between terminals
VR = 10V, f = 1 MHZ
IR
CT
uA
pF
6
1
CDBQC0140R-HF
QW-G1121
Page 1
Typ
IO
VR
VRRM
Average forward rectified current
Reverse voltage
Repetitive Peak reverse voltage
Forward current,surge peak
Symbol
Parameter
Conditions
Min
Max
Unit
V
V
mA
100
40
45
Tj
Storage temperature
Junction temperature
°C
+125
-40
IFSM
8.3 ms single half sine-wave
(1 cycle )
1
A
REV:A
Io = 100 mA
VR = 40 Volts
RoHS Device
Halogen Free
°C/W
200
Thermal resistance
Junction to ambient
RΘJA
Mechanical data
- Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
- Mounting position: Any
- Weight: 0.001 grams(approx.).
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Polarity: Cathode band & B9
Circuit Diagram
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
IF = 10mA
0.34
VR = 10V
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.012(0.30)
0.008(0.20)
0.018(0.45)
0.001(0.02)
Max.
-40
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at T =25°C unless otherwise noted)
A
Features
- Majority carrier conduction
- Ultra small mold type
- Low reverse current
- Exeremely thin / leadless package
SMD Schottky Barrier Diode
0.45


Similar Part No. - CDBQC0140R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBQC0140L-HF COMCHIP-CDBQC0140L-HF Datasheet
476Kb / 4P
SMD Schottky Barrier Diode
REV:A
More results

Similar Description - CDBQC0140R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com