Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBQC0140R-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBQC0140R-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQC0140R-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBQC0140R-HF Datasheet HTML 1Page - Comchip Technology CDBQC0140R-HF Datasheet HTML 2Page - Comchip Technology CDBQC0140R-HF Datasheet HTML 3Page - Comchip Technology CDBQC0140R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reverse voltage, (V)
RATING AND CHARACTERISTIC CURVES ( CDBQC0140R-HF )
Page 2
0.2
0.4
0
1
10
0.5
0
Forward Voltage, (V)
Fig. 1 - Forward characteristics
Reverse voltage, (V)
0
100
1.0
0.1
0
10
20
30
40
Fig.2 - Reverse characteristics
0
10
15
20
30
0
2
6
12
8
10
0
20
40
60
80
100
0
25
50
75
100
125
150
Ambient temperature, ( °C )
Fig.4 - Current derating curve
QW-G1121
Fig.3 - Typical capacitance between
terminals characteristics
10
REV:A
0.3
0.1
1000
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
100
O
TA=25 C
O
TA=50 C
O
TA=75 C
O
TA=100 C
O
TA=12 5 C
20
0.6
TA=25°C
TA=50°C
TA=75°C
TA=100°C
TA=125°C
5
25
4
18
16
14
SMD Schottky Barrier Diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com