Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBS120-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBS120-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBS120-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBS120-HF Datasheet HTML 1Page - Comchip Technology CDBS120-HF Datasheet HTML 2Page - Comchip Technology CDBS120-HF Datasheet HTML 3Page - Comchip Technology CDBS120-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
0805
Suggested PAD Layout
A
B
C
SIZE
(inch)
0.035 MIN.
(mm)
0.90 MIN.
0.80 MIN.
1.30 MAX.
0.031 MIN.
0.051 MAX.
0805
2.90 REF.
0.114 REF.
A
B
C
D
D
SMD Schottky Barrier Diode
A
X .
X: Voltage class
(20V: 2 / 40V:4 / 60V:6)
Amps Class
Cathode Mark
Halogen free type
Marking Code
Part Number
CDBS120-HF
Marking Code
CDBS140-HF
2 .
A
4 .
A
CDBS160-HF
6 .
A
Page 4
QW-JB059
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com