Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBS120-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBS120-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBS120-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBS120-HF Datasheet HTML 1Page - Comchip Technology CDBS120-HF Datasheet HTML 2Page - Comchip Technology CDBS120-HF Datasheet HTML 3Page - Comchip Technology CDBS120-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBS120-HF Thru. CDBS160-HF
Forward current: 1.0A
Reverse voltage: 20 to 60V
RoHS Device
QW-JB059
Page 1
REV:A
Features
-Low power loss, High efficiency.
-High current capability, low VF
Mechanical Data
-Polarity: Laser cathode band marking.
-Weight: 0.005 grams (approx).
.
Parameter
Unit
Maximum Ratings (At Ta=25°C, unless otherwise noted)
Repetitive peak reverse voltage
Average forward current
Peak forward surge current
Operating junction temperature range
Storage temperature
Symbol
CDBS120-HF
CDBS140-HF
CDBS160-HF
VRM
IF(AV)
IFSM
TJ
TSTG
20
40
1
10
-55 to +125
-55 ~ +150
60
V
A
A
°C
°C
Parameter
Unit
Electrical Characteristics (At Ta=25°C, unless otherwise noted)
Reverse peak reverse current (Note1)
Forward voltage (Note1)
Symbol
Typ.
Max.
mA
V
ºC/W
Conditions
CDBS120-HF
CDBS140-HF
Junction to lead (Note 2)
IRRM
VF
0.20
0.32
0.39
0.42
0.33
0.40
0.47
VR=Max.VRRM, Ta=25°C
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
@8.3ms single half sine-wave
-55 to +150
IF=0.1A
IF=0.5A
IF=1.0A
IF=0.1A
IF=0.5A
IF=1.0A
CDBS160-HF
IF=0.1A
IF=0.5A
IF=1.0A
Min.
0.45
0.50
0.38
0.50
0.62
0.65
Type
Junction capacitance
pF
Cj
VR=4V, f=1.0MHz
0.028
28
115
Thermal resistance
RΘJA
Junction to ambient (Note 2)
120
RΘJL
ºC/W
Notes: (1) Pulse test width pw=300usec, 1% duty cycle.
(2) Mounted on P.C. board with 0.2*0.2”(5.0*5.0mm) copper pad areas.
Halogen Free
-Plastic package has underwriters laboratory
flammability classification 94V-0.
-Case: Packed with FRP substrate and
epoxy underfilled.
-Terminals: Pure Tin plated (Lead-Free),solderable
per MIL-STD-750, method 2026.
Dimensions in inches and (millimeter)
0805
0.040(1.00)
Typ.
R 0.011(0.275)
0.055 (1.40)
0.083 (2.10)
0.075 (1.90)
0.039 (1.00)
0.028 (0.70)
0.022(0.55)
0.014(0.35)
0.022 (0.55)
0.014 (0.35)
0.047 (1.20)
Company reserves the right to improve product design , functions and reliability without notice.
Circuit diagram
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-


Similar Part No. - CDBS120-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBS001A COMCHIP-CDBS001A Datasheet
63Kb / 2P
SMD Schottky Barrier Diode
CDBS00340 COMCHIP-CDBS00340 Datasheet
61Kb / 2P
SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
147Kb / 2P
SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130_1 Datasheet
147Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBS120-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com