Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6501LP Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS6501LP
Description  PIR SENSOR INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6501LP Datasheet(HTML) 2 Page - LSI Computer Systems

  LS6501LP_08 Datasheet HTML 1Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 2Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 3Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 4Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 5Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 6Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 7Page - LSI Computer Systems LS6501LP_08 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INHIBIT
The Output Duration Timer can be inhibited from trig-
gering by the voltage level at the INHIBIT input. When this
voltage level exceeds the Inhibit Threshold, the Timer will
be prevented from triggering if it is OFF. If the Timer is
ON, the INHIBIT input is blocked from affecting the Timer.
There is approximately 10% hysteresis between the In-
hibit and Enable thresholds at the INHIBIT input. The LED
output is not affected by the INHIBIT input. An adjustable
Ambient Light Level Inhibit can be implemented by con-
necting a Light Determining Resistor (LDR) network to the
INHIBIT input (See Figures 3 and 4).
DEAD TIME
False turn-ons are prevented from occurring by es-
tablishing a Dead Time between the end of the timeout of
the Output Duration Timer and the retriggering of that
Timer. The state of the DEAD TIME SELECT input de-
termines the Dead Time duration (See Table 2).
OSCILLATOR
For battery operation, an external RC is connected to the
OSCILLATOR input to produce a 50Hz or 60Hz clock. A
30Hz clock can be used to extend timing durations (See
Tables 1 and 2).
DC POWER SUPPLY
VDD - Vss is 8V ± 1V. Typical quiescent current is 250µA
(TRIAC/RELAY, LED and REGULATOR outputs not loaded).
DC REGULATOR
The LS6501LP includes a Regulator which provides a
nominal +5V to the Differential Amplifier and Window
Comparator and is available as an output to supply the
PIR Sensor.
TRIAC/RELAY OUTPUT
This open drain output turns ON when the Output Dura-
tion Timer is triggered. The output drives a Triac when
the OSCILLATOR input is tied to ground and 50/60Hz is
applied to the AC input (See Figure 3). The output drives
a Relay when the AC input is tied to ground and an RC
network is connected to the OSCILLATOR input (See
Figure 4).
TRIAC DRIVE (See Figure 3)
With the Output Duration Timer ON and a 2.7V P-P
60Hz signal applied to the AC input, the output produces
a negative-going pulse in each half-cycle delayed a
nominal 1.2ms from the zero crossing. There is no more
than 150µs difference between the zero-crossing delay
of each pulse.
RELAY DRIVE (See Figure 4)
The output can sink current continously with the Output
Duration Timer ON and the OSCILLATOR input active.
This output can sink current from a relay coil returned to
a positive voltage (VDD to 12.5V maximum).
0
30
18
15
1/16 VDD
60
36
30
2/16 VDD
90
54
45
3/16 VDD
120
72
60
4/16 VDD
4
2.4
2
5/16 VDD
6
3.6
3
6/16 VDD
8
4.8
4
7/16 VDD
10
6
5
8/16 VDD
12
7.2
6
9/16 VDD
14
8.4
7
10/16 VDD
16
9.6
8
11/16 VDD
18
10.8
9
12/16 VDD
20
12
10
13/16 VDD
24
14.4
12
14/16 VDD
28
16.8
14
15/16 VDD
30
18
15
TABLE 1
OUTPUT DURATION TIMER AS A FUNCTION OF TIMER CONTROL INPUT VOLTAGE
(f = Frequency at AC input or OSCILLATOR input)
INPUT VOLTAGE
f = 30Hz
f = 50Hz
f = 60Hz
UNIT
TABLE 2
DEAD TIME DURATION AS A FUNCTION OF THE STATE OF DEAD TIME SELECT INPUT
(f = Frequency at AC input or OSCILLATOR input)
INPUT STATE
f = 30Hz
f = 50Hz
f = 60Hz
UNIT
0
2
1.2
1
OPEN
8
4.8
4
1
16
9.6
8
6501LP-012703-2
sec
sec
sec
sec
min
min
min
min
min
min
min
min
min
min
min
min
sec
sec
sec



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com